Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5302 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5302
Description  Dual-Supply, 2-Bit Voltage Translator / Isolator for I2C Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5302 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5302 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5302 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other condition beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
VCCA,VCCB
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
A Port
-0.5
7.0
B Port
-0.5
7.0
Control Input(OE)
-0.5
7.0
VO
Output Voltage(2)
An Outputs 3-State
-0.5
7.0
V
Bn Outputs 3-State
-0.5
7.0
An Outputs Active
-0.5
VCCA +0.5V
Bn Outputs Active
-0.5
VCCB +0.5V
IIK
DC Input Diode
Current
At VIN < 0V
-50
mA
IOK
DC Output Diode
Current
At VO < 0V
-50
At VO > VCC
+50
IOH / IOL
DC Output Source/Sink Current
-50
+50
ICC
DC VCC or Ground Current per Supply Pin
±100
PD
Power Dissipation
At 400KHz
0.129
mW
TSTG
Storage Temperature Range
-65
+150
℃
ESD
Electrostatic
Discharge
Capability
Human Body
Model, B-Port Pins
8
kV
Human Body
Model, All Pins
(JESD22-A114)
4
Charged Device
Mode,
JESD22-C101
2
Note:
2. IO absolute maximum rating must be observed.
HM5302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com