Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5434 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5434
Description  One Cell Li-ion and Li-poly Battery Protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5434 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5434 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5434 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
One Cell Li-ion and Li-poly Battery Protection IC
Overdischarge Current Detection Delay Time
*tIOV
VDD=3.6V
10
mS
Load Short-Circuiting Detection Delay Time
*tSHORT
VDD=3.6V
80
μS
Note 3: *The parameter is guaranteed by design.
Functional Block Diagram
Figure 3. Functional Block Diagram
Functions Description
The
monitors the voltage and current of a battery and protects it from being damaged due to overcharge
voltage, over discharge voltage, over discharge current, and short circuit conditions by disconnecting the batter
from the load or charger. These functions are required in order to operate the battery cell within specified
limits.The device requires only one external capacitor. The MOSFET is integrated and its RSS(ON) is as low as
50mΩ typical.
Normal operating mode
If no exception condition is detected, charging and discharging can be carried out freely. This condition is called
the normal operating mode.
Overcharge Condition
When the battery voltage becomes higher than the overcharge detection voltage (VCU) during charging under
HM5434



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com