Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5669 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5669
Description  GPS Navigation Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5669 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5669 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5669 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Characteristics
(VIN=5V, ILED=0.3A, 5PCS LED Series)
Efficiency vs. Input Voltage
Input Voltage (V)
90
91
92
93
94
95
96
4
6
8
10
12
Quiescent Current vs. Input Voltage
Input Voltage (V)
140
150
160
170
180
190
3
6
9
12
15
18
21
24
27
30
HM5669



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com