Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5801 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5801
Description  PMU for Portable Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5801 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5801 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
RECOMMENDED OPERATING RANGE(Note2)
SYMBOL
ITEMS
VALUE
UNIT
VIN
Input supply voltage: USB_IN,CHGIN
4.25 ~ 5.5
V
VIN2
Input supply voltage: AVDD,PVDD
3.5 ~ 5.5
V
TOPER
Operating Temperature Range
– 40 ~ 85
°C
θJA
Thermal Resister
50
°C/W
Note1: Absolute Maximum Ratings are those values beyond which the life of the device maybe impaired.
Note2: Recommended operating Range indicates conditions for which the device is functional, but does not
guarantee specific performance limits.
ELECTRICAL CHARACTERISTICS
(
VB=3.6V,TA=25℃, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP MAX
UNITS
IQ
Bat supply quiescent current
CHGIN/USB_IN floating,
BUCK/LDO1/LDO2 no load
120
300
μA
ISHDN
Bat supply Shut down current
CHGIN/USB_IN floating,
PLAY_ON=AGND,
PWR_HOLD=AGND
1
5
μA
VIL
Maximum Low
Input Level at
PLAY_ON, PWR_HOLD
AVDD = 3.0 to 5.5V
0.4
V
VIH
Minimum High
Input Level at PLAY_ON,
PWR_HOLD
AVDD = 3.0 to 5.5V
1.4
V
VLBAT
Battery voltage Undervoltage
lockout threshold
VBAT high to low
3.135
3.3
3.465
V
TLBAT
Battery voltage Undervoltage
lockout comparator filter time
1
ms
VLBATHYS
Battery voltage Undervoltage
lockout hysteresis
100
mV
TSD
Thermal shutdown Temperature
160
°C
Thermal shutdown
Hysteresis
20
°C
PMU for Portable Applications
HM5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com