Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5802 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5802
Description  HM5802- Battery Charger Battery Protection SOC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5802 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5802 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5802 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5802 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
______________________________________ _______________________________________________________________________________
Trickle charge Threshold
Voltage
Vtrikl
RPROG =10K,Vbat Rising
2.7
2.9
3.0
V
Trickle voltage hysteresis
voltage
Vtrhys
RPROG =10K
55
120
200
mV
Recharge Battery threshold
Voltage
ΔVrecg V
FLOAT - VRECHRG
150
300
mV
UVLO Voltage
Vuvlo
VBAT=3.1V;Rprog=10k;
3.72
3.85
4
V
CHRG pin Output low
voltage
Vchrg
Ichrg=5mA
0.35
0.55
V
Overcharge Detection Voltage
VCU
4.25
4.30
4.35
V
Overcharge Release Voltage
VCL
4.05
4.10
4.15
V
Overdischarge Detection
Voltage
VDL
2.7
2.8
2.9
V
Overdischarge Release Voltage
VDR
2.9
3.0
3.1
V
Charger Detection Voltage
VCHA
-0.06
V
Overdischarge Current1
Detection
IIOV1
Vbat=3.5V
0.4
A
Load Short-Circuiting
Detection
ISHORT
Vbat=3.5V
20
A
Equivalent FET on Resistance
RDS(ON) Vbat=3.6V Ivm =1.0A
40
45
55
mΩ
Overcharge Voltage Detection
Delay Time
tCU
130
mS
Overdischarge Voltage
Detection Delay Time
tDL
40
mS
Overdischarge
Current
Detection Delay Time
tIOV
Vbat=3.5V
10
mS
Load Short-Circuiting
Detection Delay Time
tSHORT Vbat=3.5V
75
uS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com