Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5803 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5803
Description  HM5803- Battery Charger Battery Protection SOC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5803 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5803 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5803 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5803 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5803 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5803 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5803 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5803 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
______________________________________________________________________________________________________________________
PIN FUNCTION DISCREPTION
STDBY (PIN 1):
The completion of battery charging instructions side.
When the battery charge is complete, STDBY pulled low by internal switches, indicating the completion of
charging. In addition, STDBY pin will be in a high-impedance state.
CHRG (PIN 2):
Open-Drain Charge Status Output.
When the battery is charging, the CHRG pin is pulled low by an internal N-channel MOSFET. When the charge
cycle is completed, CHRG pin will be in a high-impedance state.
VPB(PIN3):
Power supply of battery protection
100ohm Resistor & 0.1uF capacitor should be placed as close as possible to VPB pin & BAT-.
Trickle charge Threshold
Voltage
Vtrikl
RPROG =10K,Vbat Rising
2.8
2.9
3.0
V
Trickle voltage hysteresis
voltage
Vtrhys
RPROG =10K
60
80
110
mV
Recharge Battery threshold
Voltage
ΔVrecg V
FLOAT - VRECHRG
150
300
mV
CHRG pin Output low
voltage
Vchrg
Ichrg=5mA
0.35
0.6
V
STBY pin Output low voltage
Vstby
Istby=5mA
0.35
0.6
V
Overcharge Detection Voltage
VCU
4.25
4.30
4.35
V
Overcharge Release Voltage
VCL
4.05
4.10
4.15
V
Overdischarge Detection
Voltage
VDL
2.3
2.4
2.5
V
Overdischarge Release Voltage
VDR
2.9
3.0
3.1
V
Charger Detection Voltage
VCHA
-0.06
V
Overdischarge Current1
Detection
IIOV1
Vbat=3.5V
3
A
Load Short-Circuiting
Detection
ISHORT
Vbat=3.5V
20
A
Equivalent FET on Resistance
RDS(ON) Vbat=3.6V Ivm =1.0A
40
45
55
mΩ
Overcharge Voltage Detection
Delay Time
tCU
130
mS
Overdischarge Voltage
Detection Delay Time
tDL
40
mS
Overdischarge
Current
Detection Delay Time
tIOV
Vbat=3.5V
10
mS
Load Short-Circuiting
Detection Delay Time
tSHORT Vbat=3.5V
75
uS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com