Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5804 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5804
Description  HM5804-SOC of Li-Battery Transfer to Dry Battery Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5804 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5804 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5804 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rds(ON) of P-channel FET
ISW =100mA
0.15
0.3
Ohm
Rds(ON) of N-channel FET
ISW =100mA
0.11
0.2
Ohm
Enable Threshold
Vbat = 2.5V to 5.5V
0.3
1
1.5
V
Enable Leakage Current
-0.1
0.1
µA
SW Leakage Current
VEN = 0V, VSW = 0V or 5V, Vbat
= 4.2V
-1
1
uA
Overcharge Detection Voltage
VCU
4.25
4.30
4.35
V
Overcharge Release Voltage
VCL
4.05
4.10
4.15
V
Overdischarge Detection
Voltage
VDL
2.3
2.4
2.5
V
Overdischarge Release Voltage
VDR
2.9
3.0
3.1
V
Charger Detection Voltage
VCHA
-0.07
-0.12
-0.2
V
Overdischarge Current1
Detection
IIOV1
VDD=3.5V
2.1
3
3.9
A
Load Short-Circuiting
Detection
ISHORT
VDD=3.5V
10
20
30
A
Equivalent FET on Resistance
RDS(ON)
VDD=3.6V
IVM =1.0A
40
45
55
m
Ω
Overcharge Voltage Detection
Delay Time
tCU
130
mS
Overdischarge Voltage
Detection Delay Time
tDL
40
mS
Overdischarge
Current
Detection Delay Time
tIOV
VDD=3.5V
10
mS
Load Short-Circuiting
Detection Delay Time
tSHORT
VDD=3.5V
75
uS
HM5804
______________________________________



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com