Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5809 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5809
Description  Mobile power single chip solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5809 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5809 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
(如无特殊说明,VCC=5V,VBAT=3.7V,Ta=25℃)
符号
参数
测试条件
最小值
典型值
最大值
单位
充电部分
VCC
充电输入电压
4.4
5
5.5
V
IVCC
输入电源电流
待机模式(充电终止)
-
600
-
μA
VFLOAT
稳定输出(浮充)电压
0℃≤TA≤85℃
4.158
4.2
4.242
V
IBAT
恒流充电电流
VBAT=3.7V
-
1000
-
mA
ITRIKL
涓流充电电流
VBAT<VTRIKL,
90
100
110
mA
VTRIKL
涓流充电阈值电压
VBAT上升
2.8
2.9
3.0
V
VTRHYS
涓流充电迟滞电压
-
100
-
mV
VUV
VCC欠压闭锁阈值电压
VCC从低至高
2.9
3.0
3.1
V
VUVHYS
VCC欠压闭锁迟滞
0.15
0.2
0.25
V
VASD
VCC-VBAT闭锁阈值电压
VCC从低到高
60
100
140
mV
VCC从高到低
5
30
50
ITERM
终止电流门限
-
100
-
mA
ΔVRECHRG
再充电电池门限电压
VFLOAT-VRECHRG
100
150
200
mV
TLIM
限定温度模式中的结温
-
100
-
℃
放电部分
VBAT
电池工作电压
2.9
4.35
V
VOUT
额定输出电压
VBAT=3.7V
4.85
5.1
5.25
V
ISTDB
待机电流
-
100
-
μA
VUV_BAT
电池欠压闭锁阈值电压
VBAT下降
2.85
2.9
2.95
V
VHYS_BAT
电池欠压闭锁迟滞
VBAT上升
0.55
0.6
0.65
V
FSW
工作频率
-
1
-
MHz
IOUT
输出电流
VBAT=2.9~4.2V
VOUT=5V
-
1
-
A
ILIM
周期电流限制
-
2
-
A
η
转换效率
VBAT=4.2V
VOUT=5.0V&IOUT=1A
90
-
-
%
DMAX
最大占空比
-
85
-
%
IEND
放电结束电流
-
20
-
mA
TOV
过温保护
-
150
-
℃
THYS
过温保护滞回
-
20
-
℃
VRIPPLE
输出纹波电压
VOUT=5.0V&IOUT=1A
-
100
-
mV
TSHUT
输出无负载关闭检测时间
-
16
-
s
VSHORT
短路保护电压
-
4.3
-
V
LED 及 KEY 键部分
FLEDx_C
LEDx充电/低电量闪烁频率
-
1
-
Hz
TDKEY
检测双击KEY键时间
-
1
-
s
IKEY
KEY引脚上拉电流
-
5
-
μA
VFLH
KEY引脚FLH驱动压降
ILED=100mA
-
0.9
-
V
移动电源单芯片解决方案



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com