Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC-HF12BMM-QL Datasheet(PDF) 2 Page - DATEL, Inc.

Part # DAC-HF12BMM-QL
Description  Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

DAC-HF12BMM-QL Datasheet(HTML) 2 Page - DATEL, Inc.

  DAC-HF12BMM-QL Datasheet HTML 1Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 2Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 3Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 4Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 5Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FUNCTIONAL SPECIFICATIONS
(Typical at +25°C and ±15V supplies unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
Positive Supply, Pin 24
+18
Volts
Negative Supply, Pin 22
–18
Volts
Digital Input Voltage, Pins 1–12
+15
Volts
Lead Temperature (soldering, 10s)
300
Volts
DESCRIPTION
8B
10B
12B
INPUTS
Resolution, Bits
8
10
12
Coding, Unipolar Output
Straight binary
Coding, Bipolar Output
Offset binary
Input Logic Level, Bit ON ("1")
+2.0V to +5.5V at +40μA
Input Logic Level, Bit OFF ("0")
0V to +0.8V at –2.6mA
PERFORMANCE
Nonlinearity Error, max.
±0.012%
TMIN to TMAX
±0.024%
Differential Nonlinearity Error, max.
±0.012%
TMIN to TMAX
±0.024%
Monotonicity
Guaranteed over oper. temp. range
Gain Tempco, max.
±20ppm/°C
Offset Tempco, Bipolar, max.
±10ppm/°C of FSR
➁
Zero Tempco, max.
±1.5ppm/°C of FSR
➁
Settling Time, ns max.
➂
25
25
50
Power Supply Sensitivity
±0.01%/% Supply
OUTPUTS
Output Current Range, Unipolar
0 to +5mA
Output Current Range, Bipolar
±2.5mA
Output Compliance Voltage
±1.2V 0
Output Voltage Ranges
➀
to –5V 0
to –10V
±2.5V
±5V ±10V
400 Ohms
Output Resistance
±10%
Output Capacitance
15pF
Output Leakage Current, All Bits OFF
15nA
POWER REQUIREMENTS
Supply Voltages
±15V ±0.5V
Positive Quiescent Current, max.
40mA
45mA
50mA
Negative Quiescent Current, max.
17mA
17mA
17mA
PHYSICAL/ENVIRONMENTAL
Operating Temperature Range, Case
0°C to +70°C (BMC, BMC-C)
–40°C to +100°C (BME, BME-C)
– 55°C to +125°C (BMM, BMM-C, 883)
Storage Temperature Range
–65°C to +150°C
Package Type
24-pin ceramic DDIP
Weight
0.22 ounces (6.3 grams)
Footnotes:
➀ With external operational amplifier.
➁ FSR is Full Scale Range, or the difference between minimum and maximum
output values.
➂ Full-scale current change to ±1LSB with 400Ω load.
TECHNICAL NOTES
1. Proper operation of the DAC-HF Series converters is dependent on good
board layout and connection practices. Bypass supplies as shown in the con-
nection diagrams. Mount bypass capacitors close to the converter, directly to
the supply pins where possible.
2. Use of a ground plane is particularly important in highspeed D/A converters
as it reduces high-frequency noise and aids in decoupling the digital inputs
from the analog output. Avoid ground loop problems by connecting all grounds
on the board to the ground plane. The remainder of the ground plane should
include as much of the circuit board as possible.
3. When the converter is configured for voltage output with an external
operational amplifier, keep the leads from the converter to the output amplifier
as short as possible.
4. The high-speed current switching technique used in the DAC-HF Series
inherently reduces the amplitude and duration of large transient spikes at
the output (“glitches”). The most severe glitches occur at half-scale, the
major carry transition from 011 … 1 to 100 … 0 or vice versa. At this time, a
skewing of the input codes can create a transition state code of 111 … 1. The
duration of the “transition state code” is dependent on the degree of skewing,
but its effect is dependent on the speed of the DAC (an ultra-fast DAC will
respond to these brief spurious inputs to a greater degree than a slow DAC).
Minimize the effects of input skewing by using a highspeed input register to
match input switching times. The input register recommended for use with
the DAC-HF is easily implemented with two Texas Instruments SN74S174
hex D-type flip-flops. This register will reduce glitches to a very low level and
ensure fast output settling times.
5. Test the DAC-HF using a low-capacitance test probe (such as a 10X probe).
Take care to assure the shortest possible connection between probe ground
and circuit ground. Long probe ground leads may pick up environmental E.M.I.
causing artifacts on the scope display, i.e., signals that do not originate at the
unit under test.
6. Passive components used with the DAC-HF may be as indicated here:
0.1μF and 1μF bypass capacitors should be ceramic type and tantalum type
respectively; the 400Ω output load is a ±0.1%, 10ppm/°C, metal-film type;
adjustment potentiometers are ceremet types; other resistors may be ±10%
carbon composition types.
7. Output voltage compliance is ±1.2V to preserve the linearity of the con-
verter. In the bipolar mode, the DAC-HF can be operated with no load to give
an output voltage of ±1.0V. In the unipolar mode, the load resistance must be
less than 600Ω to give less than +1.2V output. The specified output currents
of 0 to +5mA and ±2.5mA are measured into a short circuit or an operational
amplifier summing junction.
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
DAC-HF
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
MDA_DAC-HF.B05 Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com