Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5812 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5812
Description  3A switch charging, 2.4A synchronous boost mobile power supply dedicated management IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5812 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5812 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5812 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5812 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5812 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5812 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5812 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5812 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
REV: 1.5
4 / 7
极限参数
参数
符号
典型值
单位
输入电压
VIN
-0.3〜6.5
V
输出电压
VSYS
-0.3〜6.5
V
工作温度范围
TOP
-40〜85
°C
工作结温范围
TJ
-40〜150
°C
存储温度
TST
-55〜150
°C
引脚焊接温度(
10 sec)
TLEAD
260
°C
推荐工作条件
参数
符号
典型值
单位
输入电压
VIN
4.5〜6
V
作温度范围
TOP
0〜85
°C
电器特性
充电(TA=25°C,L=2.2uH,HM5821)
参数
符号
测试条件
最大值 典型值 最小值 单 位
输入电压
VIN
4.5
5
6.2
V
输入工作电流
IIN
VIN=5V,fs=600KHz
5
mA
输入静态电流
VIN=5V,Device not switching
100
uA
充电目标电压
VTRGT
4.15
4.2
4.25
V
充电电流
ICHRG
2.5
A
涓流充电电流
ITRKL
250
mA
涓流截止电压
VTRKL
3
V
再充电阈值
VRCH
4.0
V
输入欠压保护
VUVLO
上升电压
4.4
V
欠压保护迟滞
200
mV
HM58XX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com