Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5926 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5926
Description  mobile power
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5926 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5926 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5926 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
5. 引脚定义及功能描述
5.1 引脚定义
5.2 引脚描述
Pin
Name
Function Description
1
LED3
电量指示灯
3
2
GND
接地
3
VIN
5V 适配器输入
4
VOUT
升压输出
5
SW
开关节点
6
WLED
LED 照明恒流输出
7
SWB
单线接口,开漏输出
8
BAT
电池电流电压检测引脚
9
BATCSP
电池电流检测引脚
10
KEY
机械按键和触摸按键引脚
11
VCC
内部工作用电源输入
/输出,连接一个滤波电容
12
DP
USB DP
13
DM
USB DM
14
NTC
电池温度保护电阻连接
15
LED1
电量指示灯
1
16
LED2
电量指示灯
2
EPAD
散热
PAD,接地
第 4 页
HM5926



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com