Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDC834ATA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZDC834ATA
Description  SILICON 25V HYPERABRUPT VARACTOR DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZDC834ATA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZDC834ATA Datasheet HTML 1Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 2Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 3Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 4Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 5Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
830 SERIES
SEMICO NDUC TORS
ISSUE 8 - MARCH 2005
2
PART
Capacitance (pF)
VR=2V, f=1MHz
Min Q
VR=3V
f=50MHz
Capacitance Ratio
C2 /C20
at f=1MHz
MIN.
NOM.
MAX.
MIN.
MAX.
829A
7.38
8.2
9.02
250
4.3
5.8
829B
7.79
8.2
8.61
250
4.3
5.8
830A
9.0
10.0
11.0
300
4.5
6.0
830B
9.5
10.0
10.5
300
4.5
6.0
831A
13.5
15.0
16.5
300
4.5
6.0
831B
14.25
15.0
15.75
300
4.5
6.0
832A
19.8
22.0
24.2
200
5.0
6.5
832B
20.9
22.0
23.1
200
5.0
6.5
833A
29.7
33.0
36.3
200
5.0
6.5
833B
31.35
33.0
34.65
200
5.0
6.5
834A
42.3
47.0
51.7
200
5.0
6.5
834B
44.65
47.0
49.35
200
5.0
6.5
835A
61.2
68.0
74.8
100
5.0
6.5
835B
64.6
68.0
71.4
100
5.0
6.5
836A
90.0
100.0
110.0
100
5.0
6.5
TUNING CHARACTERISTICS at Tamb = 25
°C
PARAMETER
SYMBOL
MAX
UNIT
Forward current
IF
200
mA
Power dissipation at Tamb =25 C SOT23
Ptot
330
mW
Power dissipation at Tamb =25 C SOD323
Ptot
330
mW
Power dissipation at Tamb =25 C SOD523
Ptot
250
mW
Operating and storage temperature range
-55 to +150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10uA
25
V
Reverse voltage leakage
VR = 20V
0.2
20
nA
Temperature coefficient of capacitance
VR = 3V, f = 1MHz
300
400
ppCm/ C
ELECTRICAL CHARACTERISTICS at Tamb = 25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com