Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA1088 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATA1088
Description  OPTICAL MOUSE SENSOR IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATA1088 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATA1088 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATA1088 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
@Lab Optical Mouse Sensor “ ATA1088XA ” Data Sheet
Page
7/13
June, 2003
The following diagram shows a typical application of ATA1088 using Optical wheels.
C3
100nF
R6
10k
CLOCK
SNS1
ATA1088
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TEST1
TEST2
TEST3
TEST4
TEST5
XY-LED
TEST7
VDD
RESETB
VSS
TEST11
PS2_CL
PS2_DA
VSS
LB_SW
VDD
Z_A
MB_SW
Z_B
RB_SW
OSC
VSSA
VDDA
VDDA
anode
cathode
R5
1.2K
R10*
GND
WH1
wheel
1
2
3
4
5
1
2
3
4
5
VDD
VDD
J1
CON4
1
2
3
4
R4
68
DATA
R3
10
DATA
R2 24
MB
1
2
RB
1
2
LB
1
2
R7
10K
C1
100nF
CLOCK
C2
22uF
Q1
C945
R1 24
GND
Note1: R7 (=500K
Ω) and C6(=2.2µF) is recommended, It should be enough for the motion stabilizing
time to be more than 500 msec when power-up.
Note2: To use the Optical wheel, WHL_SEL(Pin11) is connect to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com