Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSXT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NSXT
Description  Glass Passivated General Purpose Plastic Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NSXT Datasheet(HTML) 3 Page - Vishay Siliconix

  NSXT Datasheet HTML 1Page - Vishay Siliconix NSXT Datasheet HTML 2Page - Vishay Siliconix NSXT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NSxT, NSFxT, NSBxT
Vishay Semiconductors
formerly General Semiconductor
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Case Temperature (
°C)
Fig. 1 – Forward Current
Derating Curve
Fig. 3 – Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 – Typical Reverse
Characteristics
1
10
100
50
25
0
75
100
125
150
175
Number of Cycles at 60 HZ
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current
Reverse Voltage (V)
Fig. 5 – Typical Junction
Capacitance Per Leg
0
50
100
150
0
2.0
4.0
6.0
8.0
10
60 HZ Resistive or Inductive Load
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
0
20
40
60
80
100
0.1
1
10
100
0.1
1
10
100
1,000
0
20
40
60
80
100
120
TJ = 25°C
f = 1.0MHZ
Vsig = 50MVp-p
1.0 Cycle
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 75
°C
TJ = 25
°C
TJ = 100
°C
Pulse Width = 300
µs
1% Duty Cycle
Document Number 88690
www.vishay.com
08-Jul-02
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com