Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-2100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EB-2100
Description  DDX All-Digital, High Efficiency Evaluation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EB-2100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EB-2100 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 6Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 7Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 8Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 9Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 10Page - List of Unclassifed Manufacturers EB-2100 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
________________
__ EB-2100x
7
Details are subject to change without notice.
FIG. 3C - DDX EVAL AMPLIFIER SCHEMATIC: POWER OUTPUT
C19
470nF
FILM
R17
0
C52
100nF
R15
20
1/4W
LSPKR+
JP1
OJMP
L5
22uH
C31
100nF
C28
100nF
R37
6.2
1/4W
RSPKR+
C53
1uF
50V
R25
0
JP4
OJMP
J3
PWR
C54
1uF
50V
+36V
C41
100nF
D1
36V
1.5kW
U6
DDX2100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
GNDS
OUTNR
OUTNR
VCC2N
PGND2N
PGND2P
VCC2P
OUTPR
OUTPR
OUTNL
OUTNL
VCC1N
PGND1N
PGND1P
VCC1P
OUTPL
OUTPL
NC
GNDREF
GNDR1
VREG1
VREG1
VL
CONFIG
PWRDN
TRI-STATE
FAULT
TWARN
INLA
INLB
INRA
INRB
VREG2
VREG2
VSIG
VSIG
R23
0
V5
IN1B
C29
1uF
C17
100nF
C33
100nF
FILM
C26
100nF
C35
100nF
Note: For Mono:
Install C32, R21, R23, R27, R36, R17, JP1,2,3,4.
Remove R19,R25, R33, R22.
IN1B
IN2B
J4
LEFT
1
2
JP2
OJMP
C25
100nF
C36
100nF
C32
680pF
nPWRDN
C34
100nF
R19
0
C20
100nF
C22
100nF
C18
100nF
THWARN
IN1A
L6
22uH
C15
100nF
FILM
C23
330pF
V5
+3.3V
R20
10k
R33
0
R31
20
1/4W
C16
2200uF
50V
C40
330pF
R32
6.2
1/4W
L4
22uH
R18
6.2
1/4W
JP3
OJMP
R27
0
RSPKR-
R16
6.2
1/4W
+36V
J5
RIGHT
1
2
R22
0
IN2A
IN1B
C27
100nF
FILM
LSPKR-
R21
10
1/4W
IN1A
L3
22uH
C43
100nF
FILM
CONFG
R36
0
C38
470nF
FILM
FIG. 3D - DDX EVAL AMPLIFIER SCHEMATIC: HEADERS / REGULATORS
+36V
MUTE
MCLK
R40
18k
IN2C
J7
TSW-106-07-S-D-LL
1
3
5
7
9
11
2
4
6
8
10
12
SW1
SW DIP-4
1
2
3
4
8
7
6
5
nRESET
IN1B
R42
0
Q1
2N3904
+3.3V
IN1C
SWAP
IN1A
nPWRDN
R44
18K
U9
LM2594M-5.0
4
8
7
FBK
OUT
VIN
L8
220uH
J8
Logic Pwr
1
2
VDATA
GCEN
IN2A
+
C44
100uF
16V
IN2B
C47
10nF
SDOUT
C46
100nF
R38
300
+3r3V
+5V
+5V
Q2
2N3904
D2
GRN/RED
VCLK
C51
100nF
IN2D
VMODE
SW2
RESET
R41
2.2k
+3r3V
LRCLK
U7
LM2937IMP-3.3
1
3
IN
OUT
THWARN
R39
300
0dB
U8
DS1233A-10
2
nRESET
C45
100nF
SCLK
C50
100nF
SDATA
IN1D
J6
TSW-105-07-S-D-LL
1
3
5
7
9
2
4
6
8
10
+
C49
100uF
16V
R43
300
nRESET
+
C48
100uF
50V
D3
B140
1A
40V
L7
Ferrite 600
@100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com