Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRB-75 Datasheet(PDF) 4 Page - CUI INC

Part # PDRB-75
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-75 Datasheet(HTML) 4 Page - CUI INC

  PDRB-75 Datasheet HTML 1Page - CUI INC PDRB-75 Datasheet HTML 2Page - CUI INC PDRB-75 Datasheet HTML 3Page - CUI INC PDRB-75 Datasheet HTML 4Page - CUI INC PDRB-75 Datasheet HTML 5Page - CUI INC PDRB-75 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 05/08/2019
│ page 4 of 6
CUI Inc
│ SERIES: PDRB-75 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
units: mm
tolerance: ±0.3
unless otherwise noted
TERMINAL 1
CONNECTIONS
TERMINAL
Function
1
L
2
N
3
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
126.00 x 102.50 x 34.50 (4.960 x 4.035 x 1.35 inches)
mm
weight
0.36
kg
cooling
natural convection
input/output connector
accepts 24~12 AWG wire
MECHANICAL DRAWING
TERMINAL 2
CONNECTIONS
TERMINAL
Function
1
+V
2
+V
3
-V
4
-V
INSTALLATION
DIN RAIL
TS35/7.5 or TS35/15
Wire Range
24~12 AWG
(4.0 mm2)
Strip Length
7 mm
Screw Torque
0.5 N·m
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com