Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85EPF Datasheet(PDF) 5 Page - International Rectifier

Part # 85EPF
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPF Datasheet(HTML) 5 Page - International Rectifier

  85EPF Datasheet HTML 1Page - International Rectifier 85EPF Datasheet HTML 2Page - International Rectifier 85EPF Datasheet HTML 3Page - International Rectifier 85EPF Datasheet HTML 4Page - International Rectifier 85EPF Datasheet HTML 5Page - International Rectifier 85EPF Datasheet HTML 6Page - International Rectifier 85EPF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
85EPF.. HV
QUIETIR Series
Preliminary Data Sheet I2153 rev. B 11/98
Fig.10-RecoveryChargeCharacteristics,T
J
=25°C
Fig.11-RecoveryChargeCharacteristics,T
J
=150°C
Fig.12-RecoveryCurrentCharacteristics,T
J
=25°C
Fig.13-RecoveryCurrentCharacteristics,T
J
=150°C
Fig.14-ThermalImpedanceZ
thJC Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
80 A
40 A
20 A
85EPF.. Series
T
= 25°C
J
I
= 125 A
FM
10 A
1 A
0
2
4
6
8
10
12
14
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
10 A
20 A
40 A
85EPF.. Series
T
= 150°C
J
I
= 80 A
FM
0
2
4
6
8
10
12
14
16
18
20
22
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
10 A
20 A
85EPF.. Series
T
= 25°C
J
I
= 125 A
FM
40 A
80 A
0
5
10
15
20
25
30
35
40
45
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
10 A
20 A
40 A
85EPF.. Series
T
= 150°C
J
I
= 80 A
FM
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
85EPF.. Series
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com