Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6610 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6610
Description  Support smart interface chip of QC3.0/Apple mobile phone/Samsung mobile phone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6610 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6610 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6610 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HM6610M5
FB
BP
GND
DP
DM
VBUS
D-
D+
GND
RFBH
RFBL
RBP
CBP
100K
34K
2.2K
0.47uF
图二
. 典型应用二
* SOT23-5 封装,支持苹果,三星,BC1.2 和 QC3.0,QC2.0,功能固定。
* SOT23-5 封装,R 已接内置电阻。
HM6610S
AP
QE
GND
FB
BP
R
D+
D-
VBUS
D-
D+
GND
RBP
RFBL2
RFBH
CBP
RSET
2.2K
100K
20K
0.47uF
154K
RFBL1
46.7K
0.6V
REF
图三
. 典型应用三
* 若电源主控芯片的反馈端基准电压为 0.6V,可采用图三的接法,保证 FB 脚的电压大于 1.2V。
HM6610
支 持 QC3.0/苹果手机/三星手机的智能接口芯片



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com