Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7002DW Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7002DW
Description  Small Signal MOSFET115 mAmps, 60 Volts N?밅hannel SOT-363
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7002DW Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7002DW Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DW Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DW Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DW Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DW Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DW Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC )
OFF CHARACTERISTICS
Characteristic
Drain–Source Breakdown Voltage
(VGS = 0, ID = 10μAdc)
Zero Gate Voltage Drain Current
TJ = 25°C
(VGS = 0, VDS = 60 Vdc)
TJ = 125°C
Gate–Body Leakage Current, Forward
(VGS = 20 Vdc)
Gate–Body Leakage Current, Reverse
(VGS = - 20 Vdc)
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
(VDS = VGS, ID = 250μAdc)
On–State Drain Current
(VDS ≥ 2.0 VDS(on), VGS = 10 Vdc)
Static Drain–Source On–State Voltage
(VGS = 10 Vdc, ID = 500 mAdc)
(VGS = 5.0 Vdc, ID = 50 mAdc)
Static Drain–Source On–State Resistance
(VGS = 10 Vdc, ID = 500 mAdc)
TC = 25°C
TC = 125°C
(VGS = 5.0 Vdc, ID = 50 mAdc)
TC = 25°C
TC = 125°C
Forward Transconductance
(VDS≥ 2.0 VDS(on), ID = 200 mAdc)
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
SWITCHING CHARACTERISTICS
BODY–DRAIN DIODE RATINGS
Diode Forward On–Voltage
(IS = 115 mAdc, VGS = 0 V)
Source Current Continuous (Body Diode)
Source Current Pulsed
3.Pulse Test: Pulse Width ≤300 μs, Duty Cycle ≤2.0%.
ns
-
-
40
-
-
20
Max.
(VDD = 25 Vdc , ID =500
mAdc, RG = 25Ω,RL = 50
Ω,Vgen = 10 V)
-
0.375
Turn-On Delay Time
Turn-Off Delay Time
td(off)
td(on)
Cobo
Cibo
-
Symbol
VSD
-
-
-1.5
VGS(th)
-
-
1.0
-
-
7.5
-
-
13.5
2.0
IDSS
-
-
Vdc
pF
Cibo
-
-
50
Typ.
Unit
VBRDSS
Vdc
60
-
-
Min.
μAdc
μAdc
μAdc
Ohms
25
pF
ID(on)
mA
500
-
-
VDS(on)
Vdc
IGSSR
-
-
-1.0
pF
-
mAdc
ISM
-
500
IGSSF
-
-
1.0
-
-
5.0
-
-
3.75
Vdc
-
-
13.5
-
-
7.5
1.0
-
-
RDS(on)
gfs
mmhos
80
-
-
IS
-
-
-115
-
-800
mAdc
HM7002DW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com