Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7110 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7110
Description  1A Bipolar Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7110 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7110 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics
TA=25℃, unless otherwise noted.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Vref
Reference
voltage
HM7110-Adj
10mA≤Iout≤1A , Vin=3.25V
1.225
1.25
1.275
V
Vout
Output voltage
HM7110-1.2V
0≤Iout≤1A , Vin=3.2V
1.176
1.2
1.224
V
HM7110-1.8V
0≤Iout≤1A , Vin=3.8V
1.764
1.8
1.836
V
HM7110-2.5V
0≤Iout≤1A , Vin=4.5V
2.45
2.5
2.55
V
HM7110-2.85V
0≤Iout≤1A , Vin=4.85V
2.793
2.85
2.907
V
HM7110-3.3V
0≤Iout≤1A , Vin=5.3V
3.234
3.3
3.366
V
HM7110-5.0V
0≤Iout≤1A , Vin=7.0V
4.9
5
5.1
V
△
Vout
Line
regulation
HM7110-1.2V
Iout=10mA, 2.7V≤Vin≤10V
0.03
0.2
%/V
HM7110-ADJ
Iout=10mA, 2.75V≤Vin≤12V
0.03
0.2
%/V
HM7110-1.8V
Iout=10mA, 3.3V≤Vin≤12V
0.03
0.2
%/V
HM7110-2.5V
Iout=10mA, 4.0V≤Vin≤12V
0.03
0.2
%/V
HM7110-2.85V
Iout=10mA, 4.35V≤Vin≤12V
0.03
0.2
%/V
HM7110-3.3V
Iout=10mA, 4.8V≤Vin≤12V
0.03
0.2
%/V
HM7110-5.0V
Iout=10mA, 6.5V≤Vin≤12V
0.03
0.2
%/V
HM7110-1.2V
Vin =2.7V, 10mA≤Iout≤1A
2
8
mV
HM7110-ADJ
Vin =2.75V, 10mA≤Iout≤1A
2
8
mV
HM7110-1.8V
Vin =3.3V, 10mA≤Iout≤1A
3
12
mV
HM7110
1A Bipolar Linear Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com