Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7150 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7150
Description  Non-isolated step-down LED constant current driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7150 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7150 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7150 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7150 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7150 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7150 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7150 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7150 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
非隔离降压型
LED 恒流驱动器
使用说明
HM7150作为一款LED恒流驱动控制芯片,芯片内部集成了LED恒流控制电路模块,温度调节模块。芯片可通过外
置的REXT检流电阻实现输出电流5mA~60mA变化,OUT1端口的最低工作电压为6.5V
芯片的输出电流IOUT通过REXT端口的检流电阻R进行调节:
REXT
OUT
V
I=
R
其中, REXT
V
为REXT端口的检测电压。
HM7150具有过温调节功能。在芯片温度过高时,芯片内部将会逐渐减小检测电压V
REXT,进而减小输出电流,减
小芯片的温升,保护芯片和系统的安全。
HM7150典型应用方案:
HM7150并联应用方案:
HM7150
HM7150
HM7150



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com