Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8480 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8480
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8480 Datasheet HTML 1Page - Sipex Corporation SP8480 Datasheet HTML 2Page - Sipex Corporation SP8480 Datasheet HTML 3Page - Sipex Corporation SP8480 Datasheet HTML 4Page - Sipex Corporation SP8480 Datasheet HTML 5Page - Sipex Corporation SP8480 Datasheet HTML 6Page - Sipex Corporation SP8480 Datasheet HTML 7Page - Sipex Corporation SP8480 Datasheet HTML 8Page - Sipex Corporation SP8480 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
291
SPECIFICATIONS
(T
A= 25°C and nominal supply voltages unless otherwise noted)
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DIGITAL OUTPUTS
Capacitance
5
pF
Logic Levels
V
OH
+2.4
V
I
OH ≤
500
µA
V
OL
+0.4
V
I
OL ≤
1.6mA
Leakage Current
±40
µA
High impedance, data bits only
Data Output
Offset Binary
POWER REQUIREMENTS
V
LOGIC
+4.5
+5.5
V
I
LOGIC
0.8
4
mA
V
CC
+11.4
+16.5
V
I
CC
912
mA
Power Dissipation
140
200
mW
ENVIRONMENTAL
Operating Temperature
Commercial; –J, –K
0
+70
°C
Industrial; –A, –B
-40
+85
°C
Storage Temperature
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com