Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3N30PR Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3N30PR
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3N30PR Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3N30PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silicon N-Channel Power MOSFET
General Description:
HM3N30PR, the silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency. The package form is
SOT-89-3L, which accords with the RoHS standard.
Features:
l
Fast Switching
l
Low ON Resistance(Rdson≤3.2Ω)
l
Low Gate Charge (Typical Data:5nC)
l
Low Reverse transfer capacitances(Typical:4.5pF)
l
100% Single Pulse avalanche energy Test
Applications:
Power switch circuit of LCD Power and adaptor.
Absolute(Tc= 25℃ unless otherwise specified):
Symbol
Parameter
Rating
Units
VDSS
Drain-to-Source Voltage
300
V
Continuous Drain Current
3
A
ID
Continuous Drain Current TC = 100 °C
2.1
A
IDM
a1
Pulsed Drain Current
12
A
VGS
Gate-to-Source Voltage
±
25
V
EAS
a2
Single Pulse Avalanche Energy
50
mJ
EAR
a1
Avalanche Energy ,Repetitive
6.4
mJ
IAR
a1
Avalanche Current
1.2
A
dv/dt
a3
Peak Diode Recovery dv/dt
5
V/ns
Power Dissipation
2.5
W
PD
Derating Factor above 25°C
0.02
W/℃
TJ,Tstg
Operating Junction and Storage Temperature Range
150,–55 to 150
℃
TL
MaximumTemperature for Soldering
300
℃
VDSS
300
V
ID
3
A
PD (TC=25℃)
2.5
W
RDS(ON)TYP
2.6
Ω
HM3N30PR
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com


Similar Part No. - HM3N30PR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3N120A HMSEMI-HM3N120A Datasheet
616Kb / 9P
Power switch circuit of adaptor and charger
HM3N120F HMSEMI-HM3N120F Datasheet
430Kb / 9P
Electric welder, Inverter
HM3N150A HMSEMI-HM3N150A Datasheet
364Kb / 6P
Power switch circuit of adaptor and charger.
HM3N150F HMSEMI-HM3N150F Datasheet
427Kb / 6P
N-channel Enhanced VDMOSFETs
HM3N18A HMSEMI-HM3N18A Datasheet
430Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM3N30PR

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com