Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM30N02D Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM30N02D
Description  Hard switched and high frequency circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM30N02D Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM30N02D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM30N02D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM30N02D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM30N02D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM30N02D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM30N02D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
0.8
1.4
V
VGS=4.5V, ID=20 A
-
5.5
8
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=15A
8
11
mΩ
Forward Transconductance
gFS
VDS=10V,ID=20A
15
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
2000
-
PF
Output Capacitance
Coss
-
500
-
PF
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
-
200
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
6.4
-
nS
Turn-on Rise Time
tr
-
17.2
-
nS
Turn-Off Delay Time
td(off)
-
29.6
-
nS
Turn-Off Fall Time
tf
VDD=10V,ID=2A,RL=1Ω
VGS=4.5V,RG=3Ω
-
16.8
-
nS
Total Gate Charge
Qg
-
27
nC
Gate-Source Charge
Qgs
-
6.5
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=20A,
VGS=10V
-
6.4
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=10A
-
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
30
A
Reverse Recovery Time
trr
-
25
-
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = 20A
di/dt = 100A/μs
(Note3)
-
24
-
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
5.
EAS condition : Tj=25℃,VDD=10V,VG=10V,L=0.5mH,Rg=25Ω,
HM30N02D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com