Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5009 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 17Page - Texas Instruments LP5009 Datasheet HTML 18Page - Texas Instruments LP5009 Datasheet HTML 19Page - Texas Instruments LP5009 Datasheet HTML 20Page - Texas Instruments LP5009 Datasheet HTML 21Page - Texas Instruments LP5009 Datasheet HTML 22Page - Texas Instruments LP5009 Datasheet HTML 23Page - Texas Instruments LP5009 Datasheet HTML 24Page - Texas Instruments LP5009 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
21
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Register Maps (continued)
Table 4. Register Maps (continued)
REGISTER
NAME
ADDR
TYPE
D7
D6
D5
D4
D3
D2
D1
D0
DEF-
AULT
OUT10_COLOR
15h
R/W
OUT10_Color
(Only for LP5012)
00h
OUT11_COLOR
16h
R/W
OUT11_Color
(Only for LP5012)
00h
RESET
17h
W
Reset
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com