Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2335U Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335U
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335U Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LMX2335U Datasheet HTML 17Page - National Semiconductor (TI) LMX2335U Datasheet HTML 18Page - National Semiconductor (TI) LMX2335U Datasheet HTML 19Page - National Semiconductor (TI) LMX2335U Datasheet HTML 20Page - National Semiconductor (TI) LMX2335U Datasheet HTML 21Page - National Semiconductor (TI) LMX2335U Datasheet HTML 22Page - National Semiconductor (TI) LMX2335U Datasheet HTML 23Page - National Semiconductor (TI) LMX2335U Datasheet HTML 24Page - National Semiconductor (TI) LMX2335U Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Typical Performance Characteristics
Input Impedance (Continued)
LMX2336U UTCSP
f
IN RF1 and fIN RF2 Input Impedance
V
CC= 3.0V, TA = +25˚C
LMX2336U UTCSP
f
IN RF1 and fIN RF2 Input Impedance
V
CC= 5.5V, TA = +25˚C
10136797
10136797
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com