Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS256 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LS256
Description  TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS256 Datasheet(HTML) 2 Page - STMicroelectronics

  LS256 Datasheet HTML 1Page - STMicroelectronics LS256 Datasheet HTML 2Page - STMicroelectronics LS256 Datasheet HTML 3Page - STMicroelectronics LS256 Datasheet HTML 4Page - STMicroelectronics LS256 Datasheet HTML 5Page - STMicroelectronics LS256 Datasheet HTML 6Page - STMicroelectronics LS256 Datasheet HTML 7Page - STMicroelectronics LS256 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BLOCK DIAGRAM (ref. to DIP16)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VL
Line Voltage (3ms pulse duration)
22
V
IL
Forward Line Current
150
mA
IL
Reverse Line Current
– 150
mA
Ptot
Total Power Dissipation at Tamb =70
°C1
W
Top
Operating Temperature
– 45 to 70
°C
Tstg,Tj
Storage and Junction Temperature
– 65 to 150
°C
THERMAL DATA
Symbol
Parameter
DIP16
SO20
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
80
150
°C/W
LS256
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com