Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS256B Datasheet(PDF) 1 Page - STMicroelectronics

Part # LS256B
Description  TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS256B Datasheet(HTML) 1 Page - STMicroelectronics

  LS256B Datasheet HTML 1Page - STMicroelectronics LS256B Datasheet HTML 2Page - STMicroelectronics LS256B Datasheet HTML 3Page - STMicroelectronics LS256B Datasheet HTML 4Page - STMicroelectronics LS256B Datasheet HTML 5Page - STMicroelectronics LS256B Datasheet HTML 6Page - STMicroelectronics LS256B Datasheet HTML 7Page - STMicroelectronics LS256B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LS256
November 1996
TONE GENERATOR INTERFACE
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY
.
PRESENTS THE PROPER DC PATH FOR THE
LINE CURRENT
.
HANDLES THE VOICE SIGNAL, PERFORM-
ING THE 2/4 WIRES INTERFACE
AND
CHANGING THE GAIN ON BOTH SENDING
AND RECEIVING AMPLIFIERS TO COMPEN-
SATE FOR LINE ATTENUATION BY SENSING
THELINE LENGTH THROUGH THE LINE CUR-
RENT
.
ACTS AS LINEAR INTERFACE FOR MF, SUP-
PLYING A STABILIZEDTO THE DIGITAL CHIP
AND DELIVERING TO THE LINE THE MF
TONE GENERATED BY THE DIALER
DESCRIPTION
The LS256 is a monolithic integrated circuit in 16-
lead dual in-line and SO20 plastic packages to re-
placethe hybridcircuit in telephoneset. It workswith
the same type of transdurcers for both transmitter
and receiver (typically piezoceramic capsules, but
DIP16
ORDERING NUMBERS :
LS256B
LS256D
the device can work also with dynamic ones). Many
of its electrical characteristics can be controlled by
means of external components to meet different
specifications.
In addition to the speech operation, the LS256 acts
as an interface for the MF tone signal.
PIN CONNECTIONS (to p view)
DIP16
SO20
N.C.
MIC. INPUT
+LINE
MUTING
BIAS ADJ.
DC. REGULATOR
SHUNT REG. BYPASS
LINE CURRENT SENSING
GAIN CONTROL
-LINE
INPUT-(REC.AMP.)
INPUT+(REC.AMP.)
RECEIVER OUTPUT
RECEIVER OUTPUT
MF INPUT
V
DD
MIC. INPUT
N.C.
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
N.C.
N.C.
D96TL274
SO20
1/8


Similar Part No. - LS256B

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
SAMYANG ELECTRONICS CO....
LS25 SAMYANG-LS25 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
logo
RSG Electronic Componen...
LS25-12 RSG-LS25-12 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS25-12 TDK-LS25-12 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS25-15 RSG-LS25-15 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
More results

Similar Description - LS256B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS656 STMICROELECTRONICS-LS656 Datasheet
824Kb / 13P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
15-Jul-2015
M761E STMICROELECTRONICS-M761E Datasheet
373Kb / 9P
DUAL TONE MULTIFREQUENCY GENERATOR
Nov-1988
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
Telephone Speech Network with Dialer Interface
logo
Intersil Corporation
CD22859 INTERSIL-CD22859 Datasheet
38Kb / 5P
Monolithic Silicon COS/MOS Dual-Tone Multifrequency Tone Generator
February 1999
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
List of Unclassifed Man...
LS356 ETC1-LS356 Datasheet
542Kb / 13P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
logo
TEMIC Semiconductors
U4037B TEMIC-U4037B Datasheet
67Kb / 6P
LOW VOLTAGE SPEECH CIRCUIT WITH TONE RINGER INTERFACE
logo
National Semiconductor ...
TP5700A NSC-TP5700A Datasheet
185Kb / 8P
Telephone Speech Circuit
logo
STMicroelectronics
LS656AD1 STMICROELECTRONICS-LS656AD1 Datasheet
569Kb / 12P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
logo
TEMIC Semiconductors
U4030B TEMIC-U4030B Datasheet
167Kb / 14P
Telephone Speech Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com