Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC32AXT-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC32AXT-E/P
Description  32KIC Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32AXT-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC32AXT-E/P Datasheet HTML 6Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 7Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 8Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 9Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 10Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 11Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 12Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 13Page - Microchip Technology 24LC32AXT-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
24AA32A/24LC32A
DS21713D-page 10
 2003 Microchip Technology Inc.
6.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
control byte is set to ‘1’. There are three basic types of
read operations: current address read, random read,
and sequential read.
6.1
Current Address Read
The 24XX32A contains an address counter that main-
tains the address of the last word accessed, internally
incremented by ‘1’. Therefore, if the previous read
access was to address n (n is any legal address), the
next current address read operation would access data
from address n + 1.
Upon receipt of the control byte with R/W bit set to ‘1’,
the 24XX32A issues an acknowledge and transmits the
8- bit data word. The master will not acknowledge the
transfer but does generate a Stop condition and the
24XX32A discontinues transmission (Figure 6-1).
6.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the word address must
first be first. This is accomplished by sending the word
address to the 24XX32A as part of a write operation
(R/W bit set to ‘0’). Once the word address is sent, the
master generates a Start condition following the
acknowledge. This terminates the write operation, but
not before the internal address pointer is set. The
master issues the control byte again, but with the R/W
bit set to a ‘1’. The 24XX32A will then issue an
acknowledge and transmit the 8-bit data word. The
master will not acknowledge the transfer but does
generate a Stop condition which causes the 24XX32A
to discontinue transmission (Figure 6-2). After a ran-
dom Read command, the internal address counter will
point to the address location following the one that
was just read.
6.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, except that once the 24XX32A transmits
the first data byte, the master issues an acknowledge
as opposed to the Stop condition used in a random
read. This acknowledge directs the 24XX32A to
transmit the next sequentially addressed 8-bit word
(Figure 6-3). Following the final byte transmitted to the
master, the master will NOT generate an acknowledge
but will generate a Stop condition. To provide sequen-
tial reads, the 24XX32A contains an internal address
pointer which is incremented by ‘1’ upon completion of
each operation. This address pointer allows the entire
memory contents to be serially read during one
operation. The internal address pointer will automati-
cally roll over from address FFF to address 0000 if the
master acknowledges the byte received from the array
address 0FFF.
FIGURE 6-1:
CURRENT ADDRESS READ
SP
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
DATA (n)
A
C
K
N
O
A
C
K
S
T
A
R
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com