Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99LT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV99LT3
Description  Monolithic Dual Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV99LT3 Datasheet(HTML) 2 Page - ON Semiconductor

  BAV99LT3 Datasheet HTML 1Page - ON Semiconductor BAV99LT3 Datasheet HTML 2Page - ON Semiconductor BAV99LT3 Datasheet HTML 3Page - ON Semiconductor BAV99LT3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV99LT1
http://onsemi.com
2
OFF CHARACTERISTICS (TA = 25°C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage,
(I(BR) = 100 mA)
V(BR)
70
−
Vdc
Reverse Voltage Leakage Current,
(VR = 70 Vdc)
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc, TJ = 150°C)
IR
−
−
−
2.5
30
50
mAdc
Diode Capacitance,
(VR = 0, f = 1.0 MHz)
CD
−
1.5
pF
Forward Voltage,
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
−
−
−
−
715
855
1000
1250
mVdc
Reverse Recovery Time,
(IF = IR = 10 mAdc, iR(REC) = 1.0 mAdc) RL = 100 W
trr
−
6.0
ns
Forward Recovery Voltage,
(IF = 10 mA, tr = 20 ns)
VFR
−
1.75
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com