Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2227
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2227 Datasheet HTML 1Page - SMSC Corporation USB2227 Datasheet HTML 2Page - SMSC Corporation USB2227 Datasheet HTML 3Page - SMSC Corporation USB2227 Datasheet HTML 4Page - SMSC Corporation USB2227 Datasheet HTML 5Page - SMSC Corporation USB2227 Datasheet HTML 6Page - SMSC Corporation USB2227 Datasheet HTML 7Page - SMSC Corporation USB2227 Datasheet HTML 8Page - SMSC Corporation USB2227 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SMSC USB2227/USB2228
DATASHEET
Revision 1.77 (06-13-05)
Datasheet
PRODUCT FEATURES
USB2227/USB2228
4th Generation USB2.0
Flash Media Controller
with Integrated Card
Power FETs
■ Complete System Solution for interfacing
SmartMediaTM (SM) or xD Picture CardTM (xD)1,
Memory StickTM (MS), High Speed Memory Stick
(HSMS), Memory Stick PRO (MSPRO), MS DuoTM,
Secure Digital (SD), Mini-Secure Digital (Mini-SD),
TransFlash (SD), MultiMediaCardTM (MMC),
Reduced Size MultiMediaCard (RS-MMC), NAND
Flash, Compact FlashTM (CF) and CF UltraTM I & II,
and CF form-factor ATA hard drives to USB2.0 bus
— Supports USB Bulk Only Mass Storage Compliant
Bootable BIOS
■ Support for simultaneous operation of all above
devices. (only one at a time of each of the following
groups supported: CF or ATA drive, SM or XD or
NAND, SD or MMC)
■ On-Chip 4-Bit High Speed Memory Stick and MS
PRO Hardware Circuitry
■ On-Chip firmware reads and writes High Speed
Memory Stick and MS PRO
■ 1-bit ECC correction performed in hardware for
maximum efficiency
■ Hardware support for SD Security Command
Extensions
■ On-chip power FETs for supplying flash media card
power with minimum board components
■ USB Bus Power Certified
■ 3.3 Volt I/O with 5V input tolerance on VBUS/GPIO3
■ Complete USB Specification 2.0 Compatibility for Bus
Powered Operation
— Includes USB2.0 Transceiver
— A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
■ 8051 8 bit microprocessor
— Provides low speed control functions
— 30 Mhz execution speed at 4 cycles per instruction
average
— 12K Bytes of internal SRAM for general purpose
scratchpad
— 768 Bytes of internal SRAM for general purpose
scratchpad or program execution while re-flashing
external ROM
■ Double Buffered Bulk Endpoint
— Bi-directional 512 Byte Buffer for Bulk Endpoint
— 64 Byte RX Control Endpoint Buffer
— 64 Byte TX Control Endpoint Buffer
■ Internal or External Program Memory Interface
— 64K Byte Internal Code Space or Optional 64K Byte
External Code Space using Flash, SRAM or EPROM
memory.
■ On Board 24Mhz Crystal Driver Circuit
■ Can be clocked by 48MHz external source
■ On-Chip 1.8V Regulator for Low Power Core
Operation
■ Internal PLL for 480Mhz USB2.0 Sampling,
Configurable MCU clock
■ Supports firmware upgrade via USB bus if “boot
block” Flash program memory is used
■ 15 GPIOs for special function use: LED indicators,
button inputs, power control to memory devices, etc.
— Inputs capable of generating interrupts with either edge
sensitivity
— Attribute bit controlled features:
— Activity LED polarity/operation/blink rate
— Full or Partial Card compliance checking
— Bus or Self Powered
— LUN configuration and assignment
— Write Protect Polarity
— SmartDetach™ Detach from USB when no Card
Inserted for Notebook apps
— Cover Switch operation for xD compliance
— Inquiry Command operation
— SD Write Protect operation
— Older CF card support
— Force USB 1.1 reporting
— Internal or External Power FET operation
■ Compatible with Microsoft WinXP, WinME, Win2K
SP3, Apple OS10, Softconnex, and Linux Multi-LUN
Mass Storage Class Drivers
■ Win2K, Win98/98SE and Apple OS8.6 and OS9
Multi-LUN Mass Storage Class Drivers available from
SMSC
■ 128 Pin VTQFP Package (1.0mm height, 14mm
x14mm footprint); green, lead-free package also
available
1.xD Picture Card not applicable to USB2227.


Similar Part No. - USB2227

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2227 SMSC-USB2227 Datasheet
172Kb / 5P
Flash Card Reader Media Power Considerations
logo
Microchip Technology
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
logo
SMSC Corporation
USB2227-AHZS-XX SMSC-USB2227-AHZS-XX Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2227-NU-05 SMSC-USB2227-NU-05 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
More results

Similar Description - USB2227

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2229 SMSC-USB2229_06 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2226 SMSC-USB2226 Datasheet
334Kb / 23P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2601 MICROCHIP-USB2601 Datasheet
272Kb / 30P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
07/14/15
USB2229 MICROCHIP-USB2229 Datasheet
374Kb / 28P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com