Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NK60ZD Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP9NK60ZD
Description  N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK60ZD Datasheet(HTML) 2 Page - STMicroelectronics

  STP9NK60ZD Datasheet HTML 1Page - STMicroelectronics STP9NK60ZD Datasheet HTML 2Page - STMicroelectronics STP9NK60ZD Datasheet HTML 3Page - STMicroelectronics STP9NK60ZD Datasheet HTML 4Page - STMicroelectronics STP9NK60ZD Datasheet HTML 5Page - STMicroelectronics STP9NK60ZD Datasheet HTML 6Page - STMicroelectronics STP9NK60ZD Datasheet HTML 7Page - STMicroelectronics STP9NK60ZD Datasheet HTML 8Page - STMicroelectronics STP9NK60ZD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STP9NK60ZD - STF9NK60ZD - STB9NK60ZD
2/12
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤7A, di/dt ≤500A/µs, VDD ≤ V(BR)DSS,Tj =25°C
(*) Limited only by maximum temperature allowed
THERMAL DATA
AVALANCHE CHARACTERISTICS
GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to souce. In this respect the Zener voltage is appropriate to achieve an efficient and cost-
effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the usage
of external components.
Symbol
Parameter
Value
Unit
TO-220 / D2PAK
TO-220FP
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20kΩ)600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuos) at TC =25°C7
7 (*)
A
ID
Drain Current (continuos) at TC =100°C4.3
4.3 (*)
A
IDM ( )
Drain Current (pulsed)
28
28 (*)
A
PTOT
Total Dissipation at TC =25°C
125
30
W
Derating Factor
1
0.24
W/°C
VESD(G-S)
Gate source ESD (HBM-C=100pF, R=1.5K
Ω)
4000
V
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
TO-220
D2PAK
TO-220FP
Unit
Rthj-pcb
Thermal Resistance Junction-pcb Max
(When mounted on minimum Footprint)
30
°C/W
Rthj-case
Thermal Resistance Junction-case Max
1
4.16
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
7A
EAS
Single Pulse Avalanche Energy
(starting Tj =25 °C, ID =IAR,VDD =50 V)
235
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com