Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB9NK60ZDT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB9NK60ZDT4
Description  N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NK60ZDT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB9NK60ZDT4 Datasheet HTML 1Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 2Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 3Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 4Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 5Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 6Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 7Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 8Page - STMicroelectronics STB9NK60ZDT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
ADVANCED DATA
January 2004
STP9NK60ZD - STF9NK60ZD
STB9NK60ZD
N-CHANNEL 600V - 0.85
Ω - 7A TO-220/TO-220FP/D2PAK
SuperFREDMesh™ MOSFET
s
TYPICAL RDS(on) = 0.85 Ω
s
VERY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
LOW INTRINSIC CAPACITANCES
s
FAST INTERNAL RECOVERY DIODE
DESCRIPTION
The SuperFREDMesh™ series associates all ad-
vantages of reduced on-resistance, zener gate pro-
tection and very high dv/dt capability with a Fast
body-drain recovery diode. Such series comple-
ments the “FDmesh™” Advanced Technology.
APPLICATIONS
s
HID BALLAST
s
ZVS PHASE-SHIFT FULL BRIDGE
CONVERTERS
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP9NK60ZD
STF9NK60ZD
STB9NK60ZD
600 V
600 V
600 V
<0.95
Ω
<0.95
Ω
<0.95
Ω
7A
7A
7A
125 W
30 W
125 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP9NK60ZD
P9NK60ZD
TO-220
TUBE
STF9NK60ZD
F9NK60ZD
TO-220FP
TUBE
STB9NK60ZDT4
B9NK60ZD
D2PAK
TAPE & REEL
TO-220
TO-220FP
1
2
3
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB9NK60ZDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD Datasheet
375Kb / 16P
N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
09-Jun-2006
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD Datasheet
416Kb / 16P
N-channel 600 V - 0.85 Ω - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
14-Apr-2008
logo
VBsemi Electronics Co.,...
STB9NK60ZD VBSEMI-STB9NK60ZD Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_06 Datasheet
375Kb / 16P
N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
09-Jun-2006
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
N-channel 600 V - 0.85 Ω - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
14-Apr-2008
More results

Similar Description - STB9NK60ZDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STP7NB30 STMICROELECTRONICS-STP7NB30 Datasheet
108Kb / 9P
N - CHANNEL 300V - 0.75ohm - 7A - TO-220/TO-220FP PowerMESH MOSFET
Aug-1999
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Sep-2002
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh™II MOSFET
Jul-2001
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh™ Power MOSFET
Aug-2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
June 2002
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2003
STB9NK60ZFD STMICROELECTRONICS-STB9NK60ZFD Datasheet
251Kb / 9P
N-CHANNEL 600V-0.85 Ohm-7A TO-220/TO-220FP/D2PAK Fast Diode SuperMESH MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_06 Datasheet
375Kb / 16P
N-channel 600V - 0.85廓 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMesh??Power MOSFET
09-Jun-2006
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com