Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200MP Datasheet(PDF) 3 Page - 3M Electronics

Part # 200MP
Description  3M™ High Performance Acrylic Adhesive 200MP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

200MP Datasheet(HTML) 3 Page - 3M Electronics

  200MP Datasheet HTML 1Page - 3M Electronics 200MP Datasheet HTML 2Page - 3M Electronics 200MP Datasheet HTML 3Page - 3M Electronics 200MP Datasheet HTML 4Page - 3M Electronics 200MP Datasheet HTML 5Page - 3M Electronics 200MP Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Converters
• Better roll aging and storage stability
minimizes edge picking and waste
• Clear and precise razor slitting for
higher productivity and yield
• Consistent die-cutting with precise
tooling
OEMs
• Short term repositionability for placement
accuracy
• Up to 400°F short term heat resistance
• Slippage resistance in warm environments
for clean graphic edges
• Consistent liner release over time
(unlike high tack products)
High shear benefits at a glance
Less adhesive oozing at slitting
and die-cutting helps improve
rapid part processing with
minimal waste. Finished
graphic is neat and clean
because edges are less
likely to ooze and
collect dirt.
180
150
120
90
50
30
0
Peel
[72 hr. 158°F Dwell]
XYZ
[Product B]
115
3M 9505
(220)
143
XYZ
[Product A]
112
3M 468MP
(200MP)
159
12000
10000
8000
6000
4000
2000
0
Static Shear
[ASTM D3654 .5 inch2, 158°F, 1000 grams]
Note: Technical information and data should be considered representative or typical only and should not be used for specification purposes.
Comp XYZ
[Product B]
160
3M 9505
[220]
604
Comp. XYZ
[Product A]
320
3M 468MP
[200MP]
10000
Less oozing
and tight edges
8
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com