Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

467MP Datasheet(PDF) 6 Page - 3M Electronics

Part # 467MP
Description  3M™ High Performance Acrylic Adhesive 200MP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

467MP Datasheet(HTML) 6 Page - 3M Electronics

  467MP Datasheet HTML 1Page - 3M Electronics 467MP Datasheet HTML 2Page - 3M Electronics 467MP Datasheet HTML 3Page - 3M Electronics 467MP Datasheet HTML 4Page - 3M Electronics 467MP Datasheet HTML 5Page - 3M Electronics 467MP Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Note: The caliper listed is based on a calculation from manufacturing controlled adhesive coat weights using a density of 1.110g/cc.
*Available in metric dimensions as well.
3M™ High Performance Acrylic Adhesive 200MP Product Selection
Additional tape
constructions
If you do not see what you want in the chart above, additional 3M™ High Performance Acrylic Adhesive 200MP tape constructions
are available for customization. And note, that 200MP products are just a few of the many solutions available to meet processing
and end use performance requirements. Contact your local 3M Sales Representative for more information.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M product in a particular application. Given the variety of factors
that can affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and determining whether it is fit for a particular purpose and suitable for user’s method of
application.
Warranty, Limited Remedy, and Disclaimer: Unless an additional warranty is specifically stated on the applicable 3M product packaging or product literature, 3M warrants that each 3M
product meets the applicable 3M product specification at the time 3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR
USAGE OF TRADE. If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of
Liability: Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including warranty, contract, negligence or strict liability
.
3
Converter Markets
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-328-1681
www.3M.com/converter
3M is a trademark of 3M Company.
Printed in U.S.A
© 3M 2014
70-0713-4589-9
200MP Adhesive Transfer Tapes with Double Liners
Product
Number
Primary Liner
Adhesive I Caliper
Secondary Liner
Total Tape Caliper
Master
Roll Width*
7952MP
58# PCK Paper 4.2mil [.106mm]
2mil [.05mm]
58# PCK Paper 4.2mil [.106mm]
2mil [.05mm]
48 inches
7955MP
58# PCK Paper 4.2mil [.106mm]
5mil [.127mm]
58# PCK Paper 4.2mil [.106mm]
5mil [.127mm]
48 inches
7962MP
83# PCK Paper 6.2mil [.157mm]
2mil [.05mm]
58# PCK Paper 4.2mil [.106mm]
2mil [.05mm]
48 inches
7965MP
83# PCK Paper 6.2mil [.157mm]
5mil [.127mm]
58# PCK Paper 4.2mil [.106mm]
5mil [.127mm]
48 inches
9172MP
58# PCK Paper 4.2mil [.106mm]
2mil [.05mm]
HDPE Film 3mil [.076mm]
2mil [.05mm]
48 inches
9185MP
58# PCK Paper 4.2mil [.106mm]
5mil [.127mm]
HDPE Film 3mil [.076mm]
5mil [.127mm]
48 inches
200MP Double Coated Tapes with PET Carriers
Product
Number
Primary Liner
Adhesive I Caliper
Carrier Type
Adhesive II Caliper
Total Tape Caliper
Master
Roll Width*
92015
58# PCK Paper
4.2mil [.106mm]
2.7mil [.069mm]
Clear PET Film
.5mil [.013mm]
2.7mil [.069mm]
5.9mil [.150mm]
54 inches
7956MWS
white vapor coated
58# PCK Paper
4.2mil [.106mm]
2mil [.05mm]
White VC PET Film
2mil [.05mm]
2mil [.05mm]
6mil [.152mm]
48 inches
7966MWS
white vapor coated
58# PCK Paper
4.2mil [.106mm]
2mil [.05mm]
White VC PET Film
2mil [.05mm]
5mil [.127mm]
9mil [.229mm]
48 inches
200MP Adhesive Transfer Tapes
Product
Number
Primary Liner
Adhesive I Caliper Total Tape Caliper
Master
Roll Width*
467MP
58# PCK Paper 4.2mil [.106mm]
2mil [.05mm]
2mil [.05mm]
48 and 60 inches
467MPF
PET 2mil [.05mm]
2mil [.05mm]
2mil [.05mm]
54 inches
467MC
MicroChannel PCK 58# PCK Paper 4.2 mil [.106mm]
2mil [.05mm]
2mil [.05mm]
54 inches
467MCF
MicroChannel PET 4mil [.102mm]
2mil [.05mm]
2mil [.05mm]
54 inches
9667MP
83# PCK Paper 6.2 mil [.157 mm]
2mil [.05mm]
2mil [.05mm]
54 inches
468MP
58# PCK Paper 4.2mil [.106mm]
5mil [.127mm]
5mil [.127mm]
48 and 60 inches
468MPF
PET 2mil [.05mm]
5mil [.127mm]
5mil [.127mm]
54 inches
468MC
MicroChannel PCK 58# PCK Paper 4.2 mil [.106mm]
5mil [.127mm]
5mil [.127mm]
54 inches
468MCF
MicroChannel PET 4mil [.102mm]
5mil [.127mm]
5mil [.127mm]
54 inches
9668MP
83# PCK Paper 6.2 mil [.157 mm]
5mil [.127mm]
5mil [.127mm]
54 inches
28



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com