Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

468MPF Datasheet(PDF) 5 Page - 3M Electronics

Part # 468MPF
Description  3M™ High Performance Acrylic Adhesive 200MP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

468MPF Datasheet(HTML) 5 Page - 3M Electronics

  468MPF Datasheet HTML 1Page - 3M Electronics 468MPF Datasheet HTML 2Page - 3M Electronics 468MPF Datasheet HTML 3Page - 3M Electronics 468MPF Datasheet HTML 4Page - 3M Electronics 468MPF Datasheet HTML 5Page - 3M Electronics 468MPF Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Look for more than you expected
Look for customized constructions
3 Ways Greener
Offering you a broad selection of
materials that are Conflict Mineral
Free, such as 3M™ Adhesive Transfer
Tape 467MP, defined by SEC’s
Conflict Minerals Rule Fed. Reg.
56274 as not containing tin,
tantalum, tungsten or gold.
1
2
Solventless
Solventless
bonding
3
Neat, dry pressure sensitive adhesive
bonds on contact without solvents.
t miner
Look for bubble-release
Rapid • Responsive • Reliable
MicroChannel liners for
smoother applications
With 3M™ Adhesives Transfer Tapes 467MC/MCF
and 468MC/MCF, a unique liner imprints microchannels
into the adhesive. When bonding a large graphic
overlay or laminate to a substrate, air flows freely
from between the surfaces. There are no unsightly
wrinkles and bubbles that can cause wasteful rework.
3M can help you
rapidly respond with reliable
custom solutions that combine 3M™ High Performance
Acrylic Adhesive 200MP with a selection of liners and
adhesive thickness.
•Pricingandfeasibilityin1day
•Customizedsamplerollsupto10”wideshipped
within 7 days; wider in 14 days
•Ordershippedin21days
Air flow
Liner imprints MicroChannels
Substrates combined
Bubbles trapped
Rub to release bubbles
Bubbles gone
1
2
3
4
5
Look for a layflat liner as
new standard
Ask your 3M Sales Professional
to show the demo in person.
Providing materials manufactured using
a total solventless coating process
liner
production
19
20
21
22
23
24
27
25
26



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com