Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2VD06 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PR2VD06
Description  PatchRunner??2 Vertical Cable Managers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PR2VD06 Datasheet(HTML) 2 Page - PANDUIT CORP.

  PR2VD06 Datasheet HTML 1Page - PANDUIT CORP. PR2VD06 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PatchRunner™ 2 Vertical Cable Managers
©2019 Panduit Corp
.
ALL RIGHTS RESERVED.
RKSP172--WW-ENG
3/2019
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT US/CANADA
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
Phone: 52.33.3777.6000
edi@panduit.com
Visit us at www.panduit.com
technical information
6.5 Foot Managers and Doors
Part
Number
RU
Height in
(mm)
Width in
(mm)
Depth in
(mm)
Dual Sided
PR2VD0679
42 78.9 (2003) 6.0 (152) 20.7 (526)
PR2VD1279
42 78.9 (2003) 12.0 (305) 20.7 (526)
Single Sided
PR2VFD0679
42 78.9 (2003) 6.0 (152) 12.0 (305)
PR2VFD1279
42 78.9 (2003) 12.0 (305) 12.0 (305)
7 Foot Managers and Doors
Part
Number
RU
Height in
(mm)
Width in
(mm)
Depth in
(mm)
Dual Sided
PR2VD06*
45 83.9 (2130) 6.0 (152) 20.7 (526)
PR2VD08*
45 83.9 (2130) 8.0 (203) 20.7 (526)
PR2VD10*
45 83.9 (2130) 10.0 (254) 20.7 (526)
PR2VD12*
45 83.9 (2130) 12.0 (305) 20.7 (526)
Single Sided
PR2VFD06*
45 83.9 (2130) 6.0 (152) 12.0 (305)
PR2VFD08*
45 83.9 (2130) 8.0 (203) 12.0 (305)
PR2VFD10*
45 83.9 (2130) 10.0 (254) 12.0 (305)
PR2VFD12*
45 83.9 (2130) 12.0 (305) 12.0 (305)
* Add "WH" to end of part numbers for white products
8 Foot Managers and Doors
Part Number
RU
Height in
(mm)
Width in
(mm)
Depth in
(mm)
Dual Sided
PR2VD0696*
52 95.9 (2435) 6.0 (152) 20.7 (526)
PR2VD0896*
52 95.9 (2435) 8.0 (203) 20.7 (526)
PR2VD1096*
52 95.9 (2435) 10.0 (254) 20.7 (526)
PR2VD1296*
52 95.9 (2435) 12.0 (305) 20.7 (526)
Single Sided
PR2VFD0696*
52 95.9 (2435) 6.0 (152) 12.0 (305)
PR2VFD0896*
52 95.9 (2435) 8.0 (203) 12.0 (305)
PR2VFD1096*
52 95.9 (2435) 10.0 (254) 12.0 (305)
PR2VFD1296*
52 95.9 (2435) 12.0 (305) 12.0 (305)
* Add "WH" to end of part numbers for white products
2b
4
5
1
2c
7
2a
3b
3a
6
1. R2P - 19" Standard EIA Rack 19" x 7, 45 RU
PatchRunner™ 2 Vertical Cable Managers
and Doors
2a. PR2VD06 - 6" wide
2b. PR2VD08 - 8" wide
2c. PR2VD12 - 12" wide
Angled Modular Patch Panels
3a. CPPLA48WBLY - 2 RU, 48-Port
3b. CPPA48HDWBLY - 1 RU,
High Density 48 - Port
Cable Management Accessories
4. NM4 - Cable Manager, 4 RU
5. CMT4 - Trough, 4 RU
6. PR2VEP - End Panel
7. R2PPR2VWF - Waterfall



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com