Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM810 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM810
Description  3 Pin Microcontroller Power Supply Supervisor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM810 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM810 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM810 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ASM809, ASM810
4 of 10
Notice: The information in this document is subject to change without notice
3 Pin Microcontroller Power Supply Supervisor
October 2003
rev 1.0
Absolute Maximum Ratings Table 1:
Absolute Maximum Ratings Table 2:
Parameter
Min
Max
Units
Pin Terminal Voltage With Respect To Ground
VCC
-0.3
6.0
V
RESET, RESET
-0.3
VCC + 0.3
V
Input current at VCC
20
mA
Output current: RESET, RESET
20
mA
Rate of Rise at VCC
100
V/µs
Note: These are stress ratings only and the functional operation is not implied. Exposure
to absolute maximum ratings for prolonged time periods may affect device reliability.
Parameter
Min
Max
Units
Power Dissipation (TA = 70°C)
320
uW
Operating temperature range
-40
105
°C
Storage temperature range
-65
160
°C
Lead temperature (Soldering, 10 sec)
300
°C
Note: These are stress ratings only and the functional operation is not implied. Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com