Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT3216LSYCK/J3-PRV Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT3216LSYCK/J3-PRV
Description  3.2 mm x 1.6 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT3216LSYCK/J3-PRV Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT3216LSYCK/J3-PRV Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216LSYCK/J3-PRV Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216LSYCK/J3-PRV Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216LSYCK/J3-PRV Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 / 4
© 2017 Kingbright. All Rights Reserved. Spec No: DSAN8401 / 1203014468 Rev No: V.4B Date: 07/19/2017
DESCRIPTIONS
The Super Bright Yellow device is based on light
emitting diode chip made from AlGaInP
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
3.2 mm x 1.6 mm SMD LED, 0.75 mm thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
APT3216LSYCK/J3-PRV
3.2 mm x 1.6 mm SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 2mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APT3216LSYCK/J3-PRV
■ Super Bright Yellow
(AlGaInP)
Water Clear
15
25
140
°
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APT3216LSYCK/J3-PRV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT3216LSYCK-J3-PRV KINGBRIGHT-APT3216LSYCK-J3-PRV Datasheet
232Kb / 5P
Low power consumption
More results

Similar Description - APT3216LSYCK/J3-PRV

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPT-3216SECK TO-GRACE-KPT-3216SECK Datasheet
835Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216VBC-D TO-GRACE-APT3216VBC-D Datasheet
786Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216SYCK-J3-PRV TO-GRACE-APT3216SYCK-J3-PRV Datasheet
779Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216SECK-J4-PRV TO-GRACE-APT3216SECK-J4-PRV Datasheet
780Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216QBC-D TO-GRACE-APT3216QBC-D Datasheet
795Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216MGC TO-GRACE-APT3216MGC Datasheet
770Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216LZGCK TO-GRACE-APT3216LZGCK Datasheet
782Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216LVBC-D TO-GRACE-APT3216LVBC-D Datasheet
787Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216LSECK-J3-PRV TO-GRACE-APT3216LSECK-J3-PRV Datasheet
774Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216CGCK TO-GRACE-APT3216CGCK Datasheet
781Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com