Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012QWF/D Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT2012QWF/D
Description  2.0 x 1.25 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT2012QWF/D Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT2012QWF/D Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT2012QWF/D Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT2012QWF/D Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT2012QWF/D Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAH9432 / 1203001856 Rev No: V.9B Date: 03/22/2019
Page 3 / 4
0
10
20
30
40
50
2.0
2.4
2.8
3.2
3.6
4.0
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
304050
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20
406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20
406080 100
Ambient temperature (°C)
TECHNICAL DATA
WHITE
0.5
0.5
90°
15°
0°
30°
45°
60°
75°
-15°
-30°
-45°
-60°
-75°
-90°
0.0
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
x
y
x
y
a2
0.263
0.213
a0
0.282
0.245
0.282
0.245
0.298
0.271
0.265
0.265
0.286
0.299
0.242
0.226
0.265
0.265
b2
0.298
0.271
b1
0.313
0.296
0.313
0.296
0.329
0.325
0.306
0.332
0.329
0.371
0.286
0.299
0.306
0.332
c0
0.329
0.325
0.358
0.372
0.363
0.400
0.329
0.371
Notes:
Shipment may contain more than one chromaticity regions.
Orders for single chromaticity region are generally not accepted.
Measurement tolerance of the chromaticity coordinates is ±0.01.
0.20
0.25
0.30
0.35
0.40
0.20
0.25
0.30
0.35
0.40
x
y
c0
b1
b2
a0
a2
APT2012QWF/D
CIE CHROMATICITY DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com