Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28441 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY28441
Description  Clock Generator for Intel Alviso Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28441 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY28441 Datasheet HTML 9Page - Cypress Semiconductor CY28441 Datasheet HTML 10Page - Cypress Semiconductor CY28441 Datasheet HTML 11Page - Cypress Semiconductor CY28441 Datasheet HTML 12Page - Cypress Semiconductor CY28441 Datasheet HTML 13Page - Cypress Semiconductor CY28441 Datasheet HTML 14Page - Cypress Semiconductor CY28441 Datasheet HTML 15Page - Cypress Semiconductor CY28441 Datasheet HTML 16Page - Cypress Semiconductor CY28441 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CY28441
Document #: 38-07679 Rev. **
Page 13 of 20
FS_A, FS_B,FS_C
VTT_PW RGD#
PW RGD_VRM
VDD Clock Gen
Clock State
Clock Outputs
Clock VCO
0.2-0.3mS
Delay
State 0
State 2
State 3
Wait for
VTT_PW RGD#
Sample Sels
Off
Off
On
On
State 1
Device is not affected,
VTT_PW RGD# is ignored
Figure 12. VTT_PWRGD# Timing Diagram
VTT_PWRGD# = Low
Delay
>0.25mS
S1
Power Off
S0
VDD_A = 2.0V
Sample
Inputs straps
S2
Normal
Operation
Wait for <1.8ms
Enable Outputs
S3
VTT_PWRGD# = toggle
VDD_A = off
Figure 13. Clock Generator Power-up/Run State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com