Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P44F11M Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # P44F11M
Description  SmartZone??G5 Intelligent Power Distribution Units (iPDUs)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P44F11M Datasheet(HTML) 4 Page - PANDUIT CORP.

  P44F11M Datasheet HTML 1Page - PANDUIT CORP. P44F11M Datasheet HTML 2Page - PANDUIT CORP. P44F11M Datasheet HTML 3Page - PANDUIT CORP. P44F11M Datasheet HTML 4Page - PANDUIT CORP. P44F11M Datasheet HTML 5Page - PANDUIT CORP. P44F11M Datasheet HTML 6Page - PANDUIT CORP. P44F11M Datasheet HTML 7Page - PANDUIT CORP. P44F11M Datasheet HTML 8Page - PANDUIT CORP. P44F11M Datasheet HTML 9Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SmartZone™ G5 Intelligent Power Distribution Units (iPDUs)
Monitored Input - MI Series
Region
Input
Current
per phase
Form Factor
Input Plug Type
Circuit
Breakers
Apparent
Power
(kVA)
Outlet
Count
Outlet Configuration
Length
(inches)
Width
(inches)
Depth (inches)
at Outlet
position
Panduit
SKU Part
No.
NA
15
1U
5-15P
0
1.4
8
(8)5-20R
1.7
17.5
10.6
P08D09M
INTL
16
1U
IEC 60309-316P6
0
3.7
12
(12)C13
1.7
17.5
10.6
P12D36M
NA
20
1U
5-20P
0
1.9
8
(8)5-20R
1.7
17.5
10.6
P08D10M
NA
20
1U
L5-20P
0
1.9
8
(8)5-20R
1.7
17.5
10.6
P08D11M
NA
20
1U
L6-20P
0
3.3
12
(12)C13
1.7
17.5
10.6
P12D13M
NA
50
1U
CS8265C
3
8.3
6
(6)C19
1.7
17.5
10.6
P06D15M
NA
30
2U
L5-30P
2
2.9
16
(16)5-20R
3.4
17.5
10.6
P16D12M
NA
30
2U
L6-30P
2
5.0
16
(12)C13,
(4)C19
3.4
17.5
10.6
P16D14M
INTL
32
2U
IEC 60309-332P6
2
7.4
16
(12)C13,
(4)C19
3.4
17.5
10.6
P16D37M
NA
15
0U HALF
5-15P
0
1.4
16
(16)5-20R
32.2
2.0
2.1
P16D20M
NA
20
0U HALF
5-20P
0
1.9
16
(16)5-20R
32.2
2.0
2.1
P16D21M
NA
20
0U HALF
L5-20P
0
1.9
16
(16)5-20R
32.2
2.0
2.1
P16D22M
INTL
16
0U MID
IEC 60309-316P6
0
3.7
24
(20)C13,
(4)C19
58.7
2.0
2.1
P24D40M
NA
20
0U MID
L6-20P
0
3.3
24
(20)C13,
(4)C19
58.7
2.0
2.1
P24D24M
NA
30
0U MID
L5-30P
2
2.9
24
(24)5-20R
58.7
2.0
2.1
P24D23M
NA
30
0U MID
L6-30P
2
5.0
24
(20)C13,
(4)C19
58.7
2.0
2.1
P24D07M
INTL
32
0U Mid
IEC 60309-332P6
2
7.4
24
(20)C13,
(4)C19
58.7
2.0
2.1
P24D03M
NA
30
0U FULL
L6-30P
2
5.0
38
(32)C13,
(6)C19
68.9
2.0
2.1
P38D25M
INTL
32
0U FULL
IEC 60309-332P6
2
7.4
34
(28)C13,
(6)C19
68.9
2.0
2.1
P34D41M
INTL
32
0U FULL
IEC 60309-332P6
2
7.4
42
(36)C13,
(6)C19
68.9
2.0
2.1
P42D06M
NA
50
0U FULL
CS8265C
3
8.3
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36D26M
NA
30
1U
L15-30P
3
8.6
6
(6)C19
1.7
17.5
10.6
P06D16M
NA
30
1U
L21-30P
3
8.6
6
(6)C19
1.7
17.5
10.6
P06D17M
NA
50
1U
CS8365C
6
14.4
6
(6)C19
1.7
17.5
10.6
P06D18M
NA
60
1U
IEC 60309-460P9
6
17.3
6
(6)C19
1.7
17.5
10.6
P06D19M
NA
30
0U MID
L15-30P
3
8.6
24
(18)C13,
(6)C19
58.7
2.0
2.1
P24D27M
NA
30
0U MID
L21-30P
3
8.6
24
(18)C13,
(6)C19
58.7
2.0
2.1
P24D01M
NA
30
0U FULL
L21-30P
3
8.6
30
(18)C13,
(6)C19,
(6)5-20R
68.9
2.0
2.1
P30D02M
NA
30
0U FULL
L15-30P
3
8.6
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36D08M
NA
30
0U FULL
L21-30P
3
8.6
38
(30)C13,
(6)C19,
(2)5-20R
68.9
2.0
2.1
P38D28M
NA
50
0U FULL
CS8365C
3
10.0
36
(30)C13,
(6)C19
68.9
2.0
2.1
P36D29M
NA
50
0U FULL
CS8365C
6
14.4
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24D31M
NA
60
0U FULL
IEC 60309-460P9
6
17.3
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24D34M
NA
50
0U HALF -
2 sided
CS8365C
6
14.4
24
(18)C13,
(6)C19
36.0
2.0
4.4
P24D30M
NA
60
0U HALF -
2 sided
IEC 60309-460P9
6
17.3
24
(18)C13,
(6)C19
36.0
2.0
4.4
P24D33M
NA
50
0U FULL -
2 sided
CS8365C
6
14.4
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48D32M
NA
60
0U FULL -
2 sided
IEC 60309-460P9
6
17.3
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48D35M
INTL
16
1U
IEC 60309-516P6
0
11.0
6
(6)C19
1.7
17.5
10.6
P06D38M
INTL
32
1U
IEC 60309-532P6
6
22.0
6
(6)C19
1.7
17.5
10.6
P06D39M
INTL
16
0U MID
IEC 60309-516P6
0
11.0
30
(24)C13,
(6)C19
58.7
2.0
2.1
P30D05M
INTL
16
0U FULL
IEC 60309-516P6
0
11.0
42
(36)C13,
(6)C19
68.9
2.0
2.1
P42D42M
INTL
32
0U FULL
IEC 60309-532P6
6
22.0
24
(12)C13,
(12)C19 68.9
2.0
2.1
P24D43M
INTL
32
0U FULL
IEC 60309-532P6
6
22.0
42
(30)C13,
(12)C19 68.9
2.2
2.1
P42D04M
INTL
32
0U FULL -
2 sided
IEC 60309-532P6
6
22.0
48
(36)C13,
(12)C19 71.7
2.0
4.4
P48D44M
(continued pg. 5)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com