Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOL-1208-G15MC Datasheet(PDF) 2 Page - SICK AG

Part # DOL-1208-G15MC
Description  Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DOL-1208-G15MC Datasheet(HTML) 2 Page - SICK AG

  DOL-1208-G15MC Datasheet HTML 1Page - SICK AG DOL-1208-G15MC Datasheet HTML 2Page - SICK AG DOL-1208-G15MC Datasheet HTML 3Page - SICK AG DOL-1208-G15MC Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DOL-1208-G15MC
Ordering information
Type
Part no.
DOL-1208-G15MC
6038559
Other models and accessories
www.sick.com/
CYJV
Cable Assembly
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connecting cables
Connection type head A
Female connector, M12, 8-pin, straight
Connection type head B
Flying leads
Connection type
Flying leads
Locking nut material
Zinc die-cast, nickel-plated
Cable
15 m, 8-wire, PUR, halogen-free
Jacket material
PUR, halogen-free
Jacket color
Black
Cable diameter
5.9 mm
Conductor cross-section
0.25 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 8 x cable diameter
Bending cycles
≥ 4,000,000
Current loading
2 A
Traversing speed
3 m/s
Travelling distance
10 m
Acceleration
≤ 10 m/s²
Application
Zones with oils and lubricants
Drag chain operation
Authorizations
UL
UL File No.
CYJV.E335179
Enclosure rating
IP65/ IP67/ IP68
Ambient operating temperature
Flexible use –25 °C ... +80 °C
Stationary position –40 °C ... +80 °C
Head –25 °C ... +90 °C
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com