Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB3 Datasheet(PDF) 9 Page - General Cable Technologies Corporation

Part # ASTMB3
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

ASTMB3 Datasheet(HTML) 9 Page - General Cable Technologies Corporation

  ASTMB3 Datasheet HTML 1Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 2Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 3Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 4Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 5Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 6Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 7Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 8Page - General Cable Technologies Corporation ASTMB3 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
Form No. INS-0149-0413
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
H. ROHS/REACH Compliant:
All materials used comply with the RoHS and REACH directives.
VI.
CABLE IDENTIFICATION
The surface of the cable shall be printed with the following minimum information at intervals not
greater than two feet.
5075 “GENERAL CABLE
® (PLANT OF MFG) GENFREE® II 17FREETM LSZH TYPE USE-2 OR
RHH OR RHW-2 (SIZE) 600 V OIL RES I SUN RES -40C ST1* FOR CT USE * (UL) VW-
1DAY/MONTH/YEAR OF MFG SEQUENTIAL FOOTAGE MARK”
*"ST1" and "FOR CT USE" on 1/0 AWG and larger
5125 “GENERAL CABLE
® (PLANT OF MFG) GENFREE® II 17FREETM LSZH TYPE XHHW-2
(SIZE) 600V OIL RES I SUN RES -40C ST1* FOR CT USE * (UL) VW-1
DAY/MONTH/YEAR OF MFG SEQUENTIAL FOOTAGE MARK”
*"ST1" and "FOR CT USE" on 1/0 AWG and larger
5275 “GENERAL CABLE
® (PLANT OF MFG) GENFREE® II 17FREETM LSZH TYPE USE- 2 OR
RHH OR RHW-2 (SIZE) 600V OIL RES I SUN RES -40C ST1* FOR CT USE * (UL) VW-1
DAY/MONTH/YEAR OF MFG SEQUENTIAL FOOTAGE MARK”
*"ST1" and "FOR CT USE" on 1/0 AWG and larger
4 Tesseneer Drive
Highland Heights, Kentucky 41076-9753
U.S.A.
www.generalcable.com
Form No. INS-0149-0414
Telephone: (888) 593-3355
Fax: (800) 335-1270
International Telephone: +1 859 572 8000
International Fax: +1 859 572 8058
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com