Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IEEEStd1202 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # IEEEStd1202
Description  GenFree짰 II LSZH XLPO Single Conductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

IEEEStd1202 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  IEEEStd1202 Datasheet HTML 1Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 2Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 3Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 4Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 5Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 6Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 7Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 8Page - General Cable Technologies Corporation IEEEStd1202 Datasheet HTML 9Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Type XHHW-2 or RHH/RHW-2/USE-2
GenFree
® II LSZH XLPO Single Conductor
2
Specifications 5075, 5125 & 5275
GenFree II LSZH XLPO Low-Voltage Power
Single and Dual Layer Cross-linked Polyolefin Single Conductor
Rated for 600 Volts or 2000 Volts (AC or DC)
For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial
I.
SCOPE
This specification covers single conductor wire and cable rated at 600 volts or 2000 volts, AC or DC,
insulated with General Cable’s Low-Smoke, Zero-Halogen insulation, a thermosetting irradiation
cross-linked polyolefin which is flame-retardant, moisture- and oil-resistant, and mechanically tough.
II.
APPLICATION DOCUMENTS
The wire and cable manufactured under this specification shall be tested and inspected in
accordance with the latest issues of the following standards, as applicable or as modified herein:
ASTM B33
Standard for Tin-Coated Soft or Annealed Copper Wire (5075 & 5275)
ASTM B3
Standard for Soft or Annealed Copper Wire (5125)
ASTM B8
Standard for Concentric-Lay-Stranded Copper Conductors, Hard, Medium-
Hard, or Soft
UL 854
Standard for Service-Entrance Cables (5075 & 5275)
IEEE Std 1202
Standard for Flame-Propagation Testing of Wire and Cable
ICEA S-95-658
ICEA/NEMA Standard for Non-shielded Power Cables Rated 2000 Volt
or Less for Distribution of Electrical Energy (NEMA WC 70)
ICEA T-33-655
ICEA/NEMA Standard for Low-Smoke, Zero-Halogen (LSZH) Polymeric
Cable Jackets
UL 44
Standard for Thermoset-Insulated Wires and Cables
UL 1685
Standard for Vertical-Tray Fire-Propagation and Smoke-Release Test
for Electrical and Optical-Fiber Cables



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com