Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT3216ZGC/G Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT3216ZGC/G
Description  3.2mmx1.6mm SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT3216ZGC/G Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT3216ZGC/G Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216ZGC/G Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216ZGC/G Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216ZGC/G Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216ZGC/G Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAJ8678
REV NO: V.4B
DATE: AUG/03/2016
PAGE: 1 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.zhong
ERP: 1203010103
3.2mmx1.6mm SMD CHIP LED LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APT3216ZGC/G
Green
Features
3.2mmx1.6mm SMD LED, 0.75mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Descriptions
The Green source color devices are made with InGaN
Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APT3216ZGC/G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT3216ZGC/G KINGBRIGHT-APT3216ZGC/G Datasheet
280Kb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
More results

Similar Description - APT3216ZGC/G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT3216EC KINGBRIGHT-APT3216EC Datasheet
274Kb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216RWF-A KINGBRIGHT-APT3216RWF-A Datasheet
389Kb / 7P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216SGC KINGBRIGHT-APT3216SGC Datasheet
173Kb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216ZGC KINGBRIGHT-APT3216ZGC Datasheet
279Kb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BG55W-A2 SUNLED-ZM2BG55W-A2 Datasheet
195Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
ZMDK55W-A2 SUNLED-ZMDK55W-A2 Datasheet
188Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
ZUR55W-1 SUNLED-ZUR55W-1 Datasheet
188Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
ZMO55W-1 SUNLED-ZMO55W-1 Datasheet
184Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APT3216YC TO-GRACE-APT3216YC Datasheet
1Mb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216QWF-G TO-GRACE-APT3216QWF-G Datasheet
1Mb / 6P
3.2mmx1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com