Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC307C Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC307C
Description  Amplifier Transistors(PNP Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC307C Datasheet(HTML) 2 Page - ON Semiconductor

  BC307C Datasheet HTML 1Page - ON Semiconductor BC307C Datasheet HTML 2Page - ON Semiconductor BC307C Datasheet HTML 3Page - ON Semiconductor BC307C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC307 BC307B BC307C BC308C
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –10 µAdc, VCE = –5.0 Vdc)
BC307B
BC307C/308C
(IC = –2.0 mAdc, VCE = –5.0 Vdc)
BC307
BC307B/308B
BC307C/308C
(IC = –100 mAdc, VCE = –5.0 Vdc)
BC307B
BC307C/308C
hFE
—
—
120
200
420
—
—
150
270
—
290
500
180
300
—
—
800
460
800
—
—
—
Collector – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –10 mAdc, IB = see Note 1)
(IC = –100 mAdc, IB = –5.0 mAdc)
VCE(sat)
—
—
—
–0.10
–0.30
–0.25
–0.3
–0.6
—
Vdc
Base – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –100 mAdc, IB = –5.0 mAdc)
VBE(sat)
—
—
–0.7
–1.0
—
—
Vdc
Base–Emitter On Voltage
(IC = –2.0 mAdc, VCE = –5.0 Vdc)
VBE(on)
–0.55
–0.62
–0.7
Vdc
DYNAMIC CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –5.0 Vdc, f = 100 MHz)
BC307,B,C
BC308C
fT
—
—
280
320
—
—
MHz
Common Base Capacitance
(VCB = –10 Vdc, IC = 0, f = 1.0 MHz)
Ccbo
—
—
6.0
pF
Noise Figure
(IC = –0.2 mAdc, VCE = –5.0 Vdc, RS = 2.0 kΩ,
f = 1.0 kHz)
BC307,B,C
(IC = –0.2 mAdc, VCE = –5.0 Vdc, RS = 2.0 kΩ,
f = 1.0 kHz, f = 200 Hz)
BC308C
NF
—
—
2.0
2.0
10
10
dB
1. IC = –10 mAdc on the constant base current characteristic, which yields the point IC = –11 mAdc, VCE = –1.0 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com