Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2 Datasheet(PDF) 21 Page - Eaton All Rights Reserved.

Part # CB2
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CB2 Datasheet(HTML) 21 Page - Eaton All Rights Reserved.

Back Button CB2 Datasheet HTML 17Page - Eaton All Rights Reserved. CB2 Datasheet HTML 18Page - Eaton All Rights Reserved. CB2 Datasheet HTML 19Page - Eaton All Rights Reserved. CB2 Datasheet HTML 20Page - Eaton All Rights Reserved. CB2 Datasheet HTML 21Page - Eaton All Rights Reserved. CB2 Datasheet HTML 22Page - Eaton All Rights Reserved. CB2 Datasheet HTML 23Page - Eaton All Rights Reserved. CB2 Datasheet HTML 24Page - Eaton All Rights Reserved. CB2 Datasheet HTML 25Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
A38 & B38
Specifications
A38: 30A, 600V
B38: 50A, 300V
Center Spacing: 0.437” (11.10mm)
Wire Range: A38: #10-22 AWG Cu; B38: #8-16 AWG
Screw Size: #8-32 zinc-plated steel
Torque Rating: A38: 9 lb-in; B38: 15 lb-in for #8, 9 lb-in for #6
Base: A38 Only: Standoffs standard for easy flux washing
Distance Between Barriers: 0.378” (9.60mm)
Recommended PCB Hole Diameter (A38): 0.076” (1.93mm)
Operating Temperature: 105°C (221°F) max to -40°C (-40°F)
Molded Material: Black, UL Rated 94V0 Thermoplastic
Breakdown Voltage: 5000V
Agency Information: UL File E62622, CSA File 47235; CE Certified
MOUNTING ENDS ONLY
BARRIER ENDS
ONLY
Poles
A
Mounting
Centers
“A”
Dimension Length
“A”
Dimension Length
02
1.31
1.67
0.93
03
1.75
2.10
1.37
04
2.19
2.54
1.81
05
2.62
2.98
2.25
06
3.06
3.41
2.68
07
3.50
3.85
3.12
08
3.93
4.29
3.56
09
4.37
4.72
3.99
10
4.81
5.16
4.43
11
5.24
5.60
4.87
12
5.68
6.04
5.30
13
6.12
6.47
5.74
14
6.56
6.91
6.18
15
6.99
7.35
6.61
16
7.43
7.78
7.05
Dimensions in inches. To convert to millimeters, multiply by 25.4.
B38
Dimensions Inches (Millimeters)
A38
A389306
B384404
Single RowTerminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com