Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5345H Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV5345H
Description  TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5345H Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV5345H Datasheet HTML 11Page - STMicroelectronics STV5345H Datasheet HTML 12Page - STMicroelectronics STV5345H Datasheet HTML 13Page - STMicroelectronics STV5345H Datasheet HTML 14Page - STMicroelectronics STV5345H Datasheet HTML 15Page - STMicroelectronics STV5345H Datasheet HTML 16Page - STMicroelectronics STV5345H Datasheet HTML 17Page - STMicroelectronics STV5345H Datasheet HTML 18Page - STMicroelectronics STV5345H Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
*
*
*
*
*
EVEN
OFF
TC
SEL11B
R0
Mode 0
TA
7 + P/
8 BIT
ACQ.
ON/OFF
GHOST
ROW
ENABLE
DEW/
FULL
FIELD
TCS
ON
T1
T0
R1
Mode 1
BLOCK
SELECT
A3
BANK
SELECT
A2
ACQ.
CCT
A1
ACQ.
CCT
A0
TB
START
COLUMN
SC2
START
COLUMN
SC1
START
COLUMN
SC0
R2
Page request adress
*
*
*
PRD4
PRD3
PRD2
PRD1
PRD0
R3
Page request data
*
*
*
*
A3
A2
A1
A0
R4
Display chapter
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R5
Display control (normal)
BKGND
OUT
BKGND
IN
COR
OUT
COR
IN
TEXT
OUT
TEXT
IN
PON
OUT
PON
IN
R6
Display control
(newsflash / subtitle)
STATUS
ROW
BTM/TOP
CURSOR
ON
CONCEAL/
REVEAL
TOP/
BOTTOM
SINGLE/
DOUBLE
HEIGHT
BOX ON
24
BOX ON
1-23
BOX ON
0
R7
Display mode
*
*
*
A3
CLEAR
MEM.
A2
A1
A0
R8
Active chapter
*
*
*
R4
R3R2R1
R0
R9
Active row
*
*
C5
C4
C3
C2
C1
C0
R10
Active column
D7
(R/W)
D6
(R/W)
D5
(R/W)
D4
(R/W)
D3
(R/W)
D2
(R/W)
D1
(R/W)
D0
(R/W)
R11A
Active data
60Hz
0
0
0
0
0
0
VCS
signal
quality
R11B
Status
*
*
EROD
A1
A0
*
*
*
R12
Page request address
* Reserved register bits : must be set to 0
↵
↵
↵
↵
↵
↵
↵
↵
Table 2 : Register specification
REGISTER MAP (see Table 2)
Registers R0 to R10 and R12 are write only whilst
R11A is a read/write and R11B is a read only
register respect to the microprocessor.
The automatic succession on a byte basis is indi-
cated by the arrows in Table 2.
In the normal operating mode TA, TB and TC
should be set to logic level 0.
After power-up the contents of the registers are as
follows : all bits in registers R0 to R12 are cleared
to zero with the exception of bits D0 and D1 in
registers R5 and R6 which are set to logical one.
After power-up all the memory bytes are preset to
hexadecimalvalue 20 H (space) with the exception
of the byte corresponding to row 0 of column 7 of
chapter 0 which is set to the value corresponding
to ”alpha white” hexadecimal value 07 H.
REFRESH ON DISPLAY FUNCTION
This function allows independently to fill the mem-
ory using 3 acquisition circuits when the 4th one
refreshes the displayed page.
When EROD (D5 of Reg. 12) is 0, refresh on display
function is not active. Four teletext pages are filled
into memory corresponding to addresses of acqui-
sition registers.
Two blocks of 8 pages are selected with A3 (D7of
Reg. 2)
Upper or lower bank of 4 pages is selected with A2
(D6 of Reg. 2).
Acquisition circuits are selected with A1/A0 (D5/D4
of Reg. 2). This 2 bits also determine the 1KByte of
RAM (the chapter) allocated to each acquisition
circuit.
When EROD = 1, refresh on display function is
active.
3 acquisition circuits store pages as described
above. The 4th one stores data into the current
displayed chapter. The chapter is selected with
addresses A3/A2/A1/A0 (D3/D2/D1/D0 of Reg. 4).
Notice that A1/A0 (D1/D0 of Reg. 4) give the circuit
number to be used to refresh this displayed chap-
ter. That means A1/A0 of refresh on display function
(D4/D3 of Reg. 12) have to be written identical to
A1/A0 (D1/D0 of Reg. 4), as A2 of acquisition circuit
(D6 of Reg. 2) has to be identical to A2 of displayed
chapter (D2 of Reg. 4).
STV5345 - STV5345/H - STV5345/T
15/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com