Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTMP6131DECTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # PTMP6131DECTQ1
Description  Small Silicon-Based Linear Thermistor for Temperature Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6131DECTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  PTMP6131DECTQ1 Datasheet HTML 1Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 2Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 3Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 4Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 5Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 6Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 7Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 8Page - Texas Instruments PTMP6131DECTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VTemp = VBias X RTMP61
RBias + RTMP61
VTemp = IBias X RTMP61
VBias
RBias
RTMP61
+
VTEMP
-
IBias
+
VTEMP
-
RTMP61
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
5
10
15
20
25
d001
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMP61-Q1
SNIS210 – APRIL 2019
TMP61-Q1 Small Silicon-Based Linear Thermistor for Temperature Sensing
1
1 Features
1
•
AEC-Q100 qualified for automotive applications:
–
Temperature grade 1: –40°C to +125°C, TA
•
Silicon-based thermistor with a
Positive Temperature Coefficient (PTC)
•
Linear resistance change with temperature
–
Simplifies resistance-to-temperature
conversion
–
Decrease accuracy spread compared to non-
linear Negative Temperature Coefficient (NTC)
thermistor-based circuits across a wide
temperature range
•
10-k
Ω nominal resistance at 25°C (R25)
–
±1% maximum (0°C to 70°C)
•
Consistent sensitivity across temperature
–
6400 ppm/°C TCR (25°C)
–
0.2% typical TCR tolerance across
temperature (–40°C to 125°C)
•
Fast thermal response time:
–
0.6 second for DEC package
•
Long lifetime and robust performance
–
Ultra low power consumption compared to
traditional NTCs that lower errors due to self
heating
–
Built-in fail-safe in case of short-circuit failures
–
<1% maximum drift after high temperature and
high humidity stress tests
•
Available package options:
–
X1SON (DEC/0402 footprint)
–
TO-92S (LPG)
(contact representative for availability)
2 Applications
•
HEV/EV
–
On-board (OBC) and wireless chargers
–
DC/DC converters
–
Battery Management Systems
•
Infotainment
–
Premium Audio
–
Clusters
•
Automotive lighting
–
Headlights
–
Interior lights
3 Description
The
TMP61-Q1
series
of
small
silicon
linear
thermistors
are
designed
for
temperature
measurement, protection, compensation, and control
systems. Compared to traditional NTC thermistors,
the TMP61-Q1 device offers enhanced linearity and
consistent sensitivity across the full temperature
range. The TMP61-Q1 offers robust performance due
to device immunity to environmental variation and
built-in fail-safe behaviors at high temperatures. This
device is currently available in a 2-pin, surface-mount,
0402 footprint-compatible X1SON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP61-Q1
X1SON (2)
0.60 mm × 1.00 mm
TO-92S (2)(2)
4.00 mm × 3.15 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is in preview
Typical Implementation Circuits
Typical Resistances vs Ambient Temperature


Similar Part No. - PTMP6131DECTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMP6131DECTQ1 TI1-PTMP6131DECTQ1 Datasheet
889Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
PTMP6131DECTQ1 TI1-PTMP6131DECTQ1 Datasheet
1Mb / 31P
TMP61-Q1 Automotive Grade, 10 k廓 Linear Thermistor With Small 0402 and Grade 0 Package Options
More results

Similar Description - PTMP6131DECTQ1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330 BURR-BROWN-INA330 Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
SMD PTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
SMD NTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
SMD NTC Thermistor for Temperature Sensing
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_V01 Datasheet
1Mb / 36P
TMP61 Small Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com